Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1631VHVT-500E/ST Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP1631VHVT-500E/ST
Description  High-Speed, Pulse Width Modulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1631VHVT-500E/ST Datasheet(HTML) 4 Page - Microchip Technology

  MCP1631VHVT-500E/ST Datasheet HTML 1Page - Microchip Technology MCP1631VHVT-500E/ST Datasheet HTML 2Page - Microchip Technology MCP1631VHVT-500E/ST Datasheet HTML 3Page - Microchip Technology MCP1631VHVT-500E/ST Datasheet HTML 4Page - Microchip Technology MCP1631VHVT-500E/ST Datasheet HTML 5Page - Microchip Technology MCP1631VHVT-500E/ST Datasheet HTML 6Page - Microchip Technology MCP1631VHVT-500E/ST Datasheet HTML 7Page - Microchip Technology MCP1631VHVT-500E/ST Datasheet HTML 8Page - Microchip Technology MCP1631VHVT-500E/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
MCP1631/HV/MCP1631V/VHV
DS22063B-page 4
© 2008 Microchip Technology Inc.
Functional Block Diagram(1)
MCP1631HV/VHV High Speed PIC PWM
R
S
Q
Q
A1
+
-
VREF
FB
C1
+
-
CS/VRAMP
OSCIN
PVDD
COMP
PGND
VEXT
2R
2.7V Clamp
OT
UVLO
100 kΩ
0.1 µA
VDD
R
R
R
10R
A2
A3
+3.3V or +5.0V
LDO
250 mA
VIN
AVDD_OUT / AVDD_IN
VDD
Shutdown Control
A3 Remains On
SHDN
ISIN
ISOUT
VSIN
VSOUT
C2
+
-
VDD
AGND
OVIN
Overvoltage Comp
w/ Hysteresis
Internal
1.2V VREF
OSCDIS
100 kΩ
Remove for MCP1631V
and MCP1631VHV Options
Internal Regulator for MCP1631HV and MCP1631VHV
Options Only; For MCP1631 and MCP1631V AVDD_IN is input
VDD
VDD
VDD
VDD
VDD
Note 1: For Shutdown control, amplifier A3 remains functional so
battery voltage can be sensed during discharge phase.
2: For HV options, internal Low Drop Out Regulator provides
+3.3V or +5.0V bias to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com