Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC014H-I/P Datasheet(PDF) 2 Page - Microchip Technology

Part # 24LC014H-I/P
Description  1K I2C??Serial EEPROM with Half-Array Write-Protect
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC014H-I/P Datasheet(HTML) 2 Page - Microchip Technology

  24LC014H-I/P Datasheet HTML 1Page - Microchip Technology 24LC014H-I/P Datasheet HTML 2Page - Microchip Technology 24LC014H-I/P Datasheet HTML 3Page - Microchip Technology 24LC014H-I/P Datasheet HTML 4Page - Microchip Technology 24LC014H-I/P Datasheet HTML 5Page - Microchip Technology 24LC014H-I/P Datasheet HTML 6Page - Microchip Technology 24LC014H-I/P Datasheet HTML 7Page - Microchip Technology 24LC014H-I/P Datasheet HTML 8Page - Microchip Technology 24LC014H-I/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
24AA014H/24LC014H
DS22077B-page 2
Preliminary
© 2008 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (†)
VCC.............................................................................................................................................................................6.5V
All inputs and outputs w.r.t. VSS ......................................................................................................... -0.6V to VCC +1.0V
Storage temperature ...............................................................................................................................-65°C to +150°C
Ambient temperature with power applied ................................................................................................-40°C to +125°C
ESD protection on all pins
......................................................................................................................................................≥ 4 kV
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
TABLE 1-1:
DC CHARACTERISTICS
All parameters apply across the
specified operating ranges unless
otherwise noted.
Electrical Characteristics:
Industrial (I):
VCC = +1.7V to 5.5V
TA = -40°C to +85°C
Automotive (E):
VCC = +2.5V to 5.5V
TA = -40°C to +125°C
Parameter
Symbol
Min.
Max.
Units
Conditions
SCL and SDA pins:
High-level input voltage
VIH
0.7 VCC
—V
Low-level input voltage
VIL
—
0.3 VCC
V
Hysteresis of Schmitt Trigger inputs
VHYS
0.05 VCC
—V
(Note 1)
Low-level output voltage
VOL
—0.40
V
IOL = 3.0 mA, VCC = 4.5V
IOL = 2.1 mA, VCC = 2.5V
Input leakage current
ILI
—±1
μΑ
VIN = VSS or VCC, WP = Vss
Output leakage current
ILO
—±1
μAVOUT = VSS or VCC
Pin capacitance (all inputs/outputs)
CIN, COUT
—10
pF
VCC = 5.0V (Note 1)
TA = 25°C, f = 1 MHz
Operating current
ICC Read
—
400
μAVCC = 5.5V, SCL = 400 kHz
ICC Write
—
3
mA
VCC = 5.5V
Standby current
ICCS
—1
μAVCC = 5.5V, SDA = SCL = VCC
WP = VSS, A0, A1, A2 = VSS
Note 1: This parameter is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com