Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3422A0T-E/MS Datasheet(PDF) 40 Page - Microchip Technology

Part # MCP3422A0T-E/MS
Description  18-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3422A0T-E/MS Datasheet(HTML) 40 Page - Microchip Technology

Back Button MCP3422A0T-E/MS Datasheet HTML 36Page - Microchip Technology MCP3422A0T-E/MS Datasheet HTML 37Page - Microchip Technology MCP3422A0T-E/MS Datasheet HTML 38Page - Microchip Technology MCP3422A0T-E/MS Datasheet HTML 39Page - Microchip Technology MCP3422A0T-E/MS Datasheet HTML 40Page - Microchip Technology MCP3422A0T-E/MS Datasheet HTML 41Page - Microchip Technology MCP3422A0T-E/MS Datasheet HTML 42Page - Microchip Technology MCP3422A0T-E/MS Datasheet HTML 43Page - Microchip Technology MCP3422A0T-E/MS Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
MCP3422/3/4
DS22088C-page 40
© 2009 Microchip Technology Inc.
Package Marking Information (Continued)
14-Lead SOIC (150 mil) (MCP3424)
Example:
XXXXXXXXXXX
YYWWNNN
XXXXXXXXXXX
MCP3424
0929256
XXXXXXXX
NNN
YYWW
14-Lead TSSOP (4.4 mm) (MCP3424)
Example:
MCP3424E
256
0929
E/SL^^3
e
1
2
3
4
56
7
8
9
10
10-Lead DFN (3x3) (MCP3423)
10-Lead MSOP (MCP3423)
Example:
XXXXXX
YWWNNN
3423E
929256
Example:
XXXX
XYWW
NNN
1
2
3
4
56
7
8
9
10
3423
0929
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com