Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3422A0-E/SL Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP3422A0-E/SL
Description  18-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3422A0-E/SL Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP3422A0-E/SL Datasheet HTML 5Page - Microchip Technology MCP3422A0-E/SL Datasheet HTML 6Page - Microchip Technology MCP3422A0-E/SL Datasheet HTML 7Page - Microchip Technology MCP3422A0-E/SL Datasheet HTML 8Page - Microchip Technology MCP3422A0-E/SL Datasheet HTML 9Page - Microchip Technology MCP3422A0-E/SL Datasheet HTML 10Page - Microchip Technology MCP3422A0-E/SL Datasheet HTML 11Page - Microchip Technology MCP3422A0-E/SL Datasheet HTML 12Page - Microchip Technology MCP3422A0-E/SL Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
© 2009 Microchip Technology Inc.
DS22088C-page 9
MCP3422/3/4
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA = -40°C to +85°C, VDD = +5.0V, VSS = 0V, CHn+ = CHn- = VREF/2,
VINCOM = VREF/2.
FIGURE 2-1:
INL vs. Supply Voltage
(VDD).
FIGURE 2-2:
INL vs. Temperature.
FIGURE 2-3:
Offset Error vs.
Temperature.
FIGURE 2-4:
Output Noise vs. Input
Voltage.
FIGURE 2-5:
Total Error vs. Input Voltage.
FIGURE 2-6:
Gain Error vs. Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
0.0005
0.001
0.0015
0.002
0.0025
0.003
0.0035
2.5
3
3.5
4
4.5
5
5.5
V
DD (V)
PGA = 8
PGA = 4
PGA = 1
PGA = 2
TA = +25°C
0
0.0005
0.001
0.0015
0.002
0.0025
0.003
0.0035
-60 -40 -20
0
20
40
60
80 100 120 140
Temperature (
oC)
2.7V
5V
5.5V
PGA = 1
-20
-15
-10
-5
0
5
10
15
20
-60 -40 -20
0
20
40
60
80 100 120 140
Temperature (°C)
PGA = 1
PGA = 2
PGA = 4
PGA = 8
0
1
2
3
4
5
6
7
8
-100
-75
-50
-25
0
25
50
75
100
Input Signal (% of FSR)
PGA = 1
PGA = 2
PGA = 4
PGA = 8
TA = +25°C
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
-100
-75
-50
-25
0
25
50
75
100
Input Voltage (% of Full-Scale)
PGA = 1
PGA = 8
PGA = 4
PGA = 2
TA = +25°C
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
-60 -40 -20
0
20
40
60
80 100 120 140
Temperature (°C)
PGA = 1
PGA = 2
PGA = 4
PGA = 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com