Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3423 Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP3423
Description  18-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3423 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP3423 Datasheet HTML 24Page - Microchip Technology MCP3423 Datasheet HTML 25Page - Microchip Technology MCP3423 Datasheet HTML 26Page - Microchip Technology MCP3423 Datasheet HTML 27Page - Microchip Technology MCP3423 Datasheet HTML 28Page - Microchip Technology MCP3423 Datasheet HTML 29Page - Microchip Technology MCP3423 Datasheet HTML 30Page - Microchip Technology MCP3423 Datasheet HTML 31Page - Microchip Technology MCP3423 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
MCP3422/3/4
DS22088C-page 28
© 2009 Microchip Technology Inc.
High Speed Mode (3.4 MHz)
Clock frequency
fSCL
0—
3.4
MHz
Cb = 100 pF
0—
1.7
MHz
Cb = 400 pF
Clock high time
THIGH
60
—
—
ns
Cb = 100 pF, fSCL = 3.4 MHz
120
—
—
ns
Cb = 400 pF, fSCL = 1.7 MHz
Clock low time
TLOW
160
—
—
ns
Cb = 100 pF, fSCL = 3.4 MHz
320
—
—
ns
Cb = 400 pF, fSCL = 1.7 MHz
SCL rise time
(Note 1)
TR
—
—
40
ns
From VIL to VIH,
Cb = 100 pF, fSCL = 3.4 MHz
—
—
80
ns
From VIL to VIH,
Cb = 400 pF, fSCL = 1.7 MHz
SCL fall time
(Note 1)
TF
—
—
40
ns
From VIH to VIL,
Cb = 100 pF, fSCL = 3.4 MHz
—
—
80
ns
From VIH to VIL,
Cb = 400 pF, fSCL = 1.7 MHz
SDA rise time
(Note 1)
TR: DAT
—
—
80
ns
From VIL to VIH,
Cb = 100 pF, fSCL = 3.4 MHz
—
—
160
ns
From VIL to VIH,
Cb = 400 pF, fSCL = 1.7 MHz
SDA fall time
(Note 1)
TF: DATA
—
—
80
ns
From VIH to VIL,
Cb = 100 pF, fSCL = 3.4 MHz
—
—
160
ns
From VIH to VIL,
Cb = 400 pF, fSCL = 1.7 MHz
Data hold time
(Note 4)
THD:DAT
0
—
70
ns
Cb = 100 pF, fSCL = 3.4 MHz
0
—
150
ns
Cb = 400 pF, fSCL = 1.7 MHz
Output valid from clock
(Notes 2 and 3)
TAA
—
—
150
ns
Cb = 100 pF, fSCL = 3.4 MHz
—
—
310
ns
Cb = 400 pF, fSCL = 1.7 MHz
START condition hold time
THD:STA
160
—
—
ns
After this period, the first clock
pulse is generated
START (Repeated) condition
setup time
TSU:STA
160
—
—
ns
Data input setup time
TSU:DAT
10
—
—
ns
STOP condition setup time
TSU:STO
160
—
—
ns
TABLE 5-4:
I2C SERIAL TIMING SPECIFICATIONS (CONTINUED)
Electrical Specifications: Unless otherwise specified, all limits are specified for TA = -40 to +85°C, VDD = +2.7V to +5.0V,
VSS = 0V, CHn+ = CHn- = VREF/2.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note
1:
This parameter is ensured by characterization and not 100% tested.
2:
This specification is not a part of the I2C specification. This specification is equivalent to the Data Hold Time (THD:DAT)
plus SDA Fall (or rise) time: TAA = THD:DAT + TF (OR TR).
3:
If this parameter is too short, it can create an unintended Start or Stop condition to other devices on the bus line. If this
parameter is too long, Clock Low time (TLOW) can be affected.
4:
For Data Input: If this parameter is too long, the Data Input Setup (TSU:DAT) or Clock Low time (TLOW) can be affected.
For Data Output: This parameter is characterized, and tested indirectly by testing TAA parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com