Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3423-E/MC Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP3423-E/MC
Description  18-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3423-E/MC Datasheet(HTML) 2 Page - Microchip Technology

  MCP3423-E/MC Datasheet HTML 1Page - Microchip Technology MCP3423-E/MC Datasheet HTML 2Page - Microchip Technology MCP3423-E/MC Datasheet HTML 3Page - Microchip Technology MCP3423-E/MC Datasheet HTML 4Page - Microchip Technology MCP3423-E/MC Datasheet HTML 5Page - Microchip Technology MCP3423-E/MC Datasheet HTML 6Page - Microchip Technology MCP3423-E/MC Datasheet HTML 7Page - Microchip Technology MCP3423-E/MC Datasheet HTML 8Page - Microchip Technology MCP3423-E/MC Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
MCP3422/3/4
DS22088C-page 2
© 2009 Microchip Technology Inc.
The MCP3422 and MCP3423 devices have two
differential input channels and the MCP3424 has four-
differential input channels. All electrical properties of
these three devices are the same except the
differences in the number of input channels and I2C
address bit selection options.
The MCP3422 is available in 8-pin SOIC, DFN, and
MSOP packages. The MCP3423 is available in 10-pin
DFN, and MSOP packages. The MCP3424 is available
in 14-pin SOIC and TSSOP packages.
Package Types
Functional Block Diagram
4
5
6
9
CH2-
VSS
CH3+
Adr1
Adr0
3
12
CH2+
CH3-
2
13
CH1-
CH4+
1
14
CH1+
CH4-
7
8
SDA
SCL
VDD
11
10
2
3
4
7
8
9
CH1-
VDD
SDA
Adr0
VSS
SCL
1
10
CH1+
Adr1
5
6
CH2-
CH2+
2
3
4
5
6
7
CH1-
VDD
SDA
CH2+
VSS
SCL
1
8
CH1+
CH2-
MCP3422
2x3 DFN*
VDD
CH1-
SDA
CH2+
VSS
1
2
3
4
8
7
6
5 SCL
CH2-
CH1+
* Includes Exposed Thermal Pad (EP); see Table 3-1.
EP
9
MCP3423
3x3 DFN*
VSS
CH1-
CH2+
Adr0
SCL
1
2
3
4
10
9
8
7 SDA
Adr1
CH1+
EP
11
CH2-
5
6 VDD
MCP3422
MSOP, SOIC
MCP3423
MSOP
MCP3424
SOIC, TSSOP
VSS
VDD
PGA
SCL
SDA
I2C
Interface
Gain = 1,2,4, or 8
Voltage Reference
Clock
(2.048V)
VREF
ΔΣ ADC
Converter
Oscillator
CH1+
CH1-
CH2+
CH2-
MCP3422



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com