Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1415 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP1415
Description  Tiny 1.5A, High-Speed Power MOSFET Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1415 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP1415 Datasheet HTML 12Page - Microchip Technology MCP1415 Datasheet HTML 13Page - Microchip Technology MCP1415 Datasheet HTML 14Page - Microchip Technology MCP1415 Datasheet HTML 15Page - Microchip Technology MCP1415 Datasheet HTML 16Page - Microchip Technology MCP1415 Datasheet HTML 17Page - Microchip Technology MCP1415 Datasheet HTML 18Page - Microchip Technology MCP1415 Datasheet HTML 19Page - Microchip Technology MCP1415 Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
© 2008 Microchip Technology Inc.
DS22092C-page 17
MCP1415/16
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
-X
/XX
Package
Temperature
Range
Device
Device:
MCP1415T: 1.5A MOSFET Driver, Inverting
(Tape and Reel)
MCP1415RT:1.5A MOSFET Driver, Inverting
(Tape and Reel)
MCP1416T: 1.5A MOSFET Driver, Non-Inverting
(Tape and Reel)
MCP1416RT:1.5A MOSFET Driver, Non-Inverting
(Tape and Reel)
Temperature Range:
E
=
-40
°C to +125°C
Package: *
OT = Plastic Thin Small Outline Transistor (OT), 5-Lead
* All package offerings are Pb Free (Lead Free)
Examples:
a)
MCP1415T-E/OT:
1.5A Inverting,
MOSFET Driver
5LD SOT-23 Package
b)
MCP1415RT-E/OT: 1.5A Inverting,
MOSFET Driver
5LD SOT-23 Package
a)
MCP1416T-E/OT:
1.5A Non-Inverting,
MOSFET Driver
5LD SOT-23 Package
b)
MCP1416RT-E/OT: 1.5A Non-Inverting,
MOSFET Driver
5LD SOT-23 Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com