Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1415T Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP1415T
Description  Tiny 1.5A, High-Speed Power MOSFET Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1415T Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP1415T Datasheet HTML 9Page - Microchip Technology MCP1415T Datasheet HTML 10Page - Microchip Technology MCP1415T Datasheet HTML 11Page - Microchip Technology MCP1415T Datasheet HTML 12Page - Microchip Technology MCP1415T Datasheet HTML 13Page - Microchip Technology MCP1415T Datasheet HTML 14Page - Microchip Technology MCP1415T Datasheet HTML 15Page - Microchip Technology MCP1415T Datasheet HTML 16Page - Microchip Technology MCP1415T Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
© 2008 Microchip Technology Inc.
DS22092C-page 13
MCP1415/16
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
5-Lead SOT-23
Example:
1
Standard Markings for SOT-23
Part Number
Code
MCP1415T-E/OT
FYNN
MCP1416T-E/OT
FZNN
MCP1415RT-E/OT
F7NN
MCP1416RT-E/OT
F8NN
XXNN
1
FYNN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com