Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2173 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SK2173
Description  Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK2173 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SK2173 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2173 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2173 Datasheet HTML 3Page - Toshiba Semiconductor 2SK2173 Datasheet HTML 4Page - Toshiba Semiconductor 2SK2173 Datasheet HTML 5Page - Toshiba Semiconductor 2SK2173 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SK2173
2002- 07- 22
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (L
2
−π−MOSV)
2SK2173
Chopper Regulator, DC−DC Converter and Motor Drive
Applications
4 V gate drive
Low drain−source ON resistance
: RDS (ON) = 13 mΩ (typ.)
High forward transfer admittance
: |Yfs| = 40 S (typ.)
Low leakage current
: IDSS = 100 µA (max) (VDS = 60 V)
Enhancement−mode
: Vth = 0.8~2.0 V (VDS = 10 V, ID = 1 mA)
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain−source voltage
VDSS
60
V
Drain−gate voltage (RGS = 20 kΩ)
VDGR
60
V
Gate−source voltage
VGSS
±20
V
DC (Note 1)
ID
50
A
Drain current
Pulse (Note 1)
IDP
200
A
Drain power dissipation (Tc = 25°C)
PD
125
W
Single pulse avalanche energy
(Note 2)
EAS
683
mJ
Avalanche current
IAR
50
A
Repetitive avalanche energy (Note 3)
EAR
12.5
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch−c)
1.0
°C / W
Thermal resistance, channel to
ambient
Rth (ch−a)
50
°C / W
Note 1: Please use devices on condition that the channel temperature is below 150°C.
Note 2: VDD = 25 V, Tch = 25°C (initial), L = 371 µH, RG = 25 Ω, IAR = 50 A
Note 3: Repetitive rating: Pulse width limited by maximum channel temperature
This transistor is an electrostatic sensitive device.
Please handle with caution.
Unit: mm
1. GATE
2. DRAIN (HEAT SINK)
3. SOURCE
JEDEC
―
JEITA
―
TOSHIBA
2-16C1B
Weight: 4.6 g (typ.)


Similar Part No. - 2SK2173

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2173 TOSHIBA-2SK2173 Datasheet
758Kb / 6P
Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2173 TOSHIBA-2SK2173 Datasheet
454Kb / 6P
Chopper Regulator, DC−DC Converter and Motor Drive
2SK2173 TOSHIBA-2SK2173 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK2173 ISC-2SK2173 Datasheet
302Kb / 2P
isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK2173 TOSHIBA-2SK2173_06 Datasheet
758Kb / 6P
Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
More results

Similar Description - 2SK2173

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2551 TOSHIBA-2SK2551_06 Datasheet
666Kb / 6P
Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2598 TOSHIBA-2SK2598_06 Datasheet
737Kb / 6P
Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2679 TOSHIBA-2SK2679_06 Datasheet
700Kb / 6P
Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2699 TOSHIBA-2SK2699_06 Datasheet
716Kb / 6P
Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2750 TOSHIBA-2SK2750_06 Datasheet
656Kb / 6P
Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2838 TOSHIBA-2SK2838_06 Datasheet
737Kb / 6P
Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2883 TOSHIBA-2SK2883_06 Datasheet
752Kb / 6P
Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2995 TOSHIBA-2SK2995_06 Datasheet
719Kb / 6P
Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK3117 TOSHIBA-2SK3117_06 Datasheet
718Kb / 6P
Silicon N Channel MOS Type Chopper Regulator DC−DC Converter and Motor Drive Applications
2SK3131 TOSHIBA-2SK3131_06 Datasheet
712Kb / 6P
Silicon N Channel MOS Type Chopper Regulator DC−DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com