Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

23A256 Datasheet(PDF) 9 Page - Microchip Technology

Part # 23A256
Description  256K SPI Bus Low-Power Serial SRAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23A256 Datasheet(HTML) 9 Page - Microchip Technology

Back Button 23A256 Datasheet HTML 5Page - Microchip Technology 23A256 Datasheet HTML 6Page - Microchip Technology 23A256 Datasheet HTML 7Page - Microchip Technology 23A256 Datasheet HTML 8Page - Microchip Technology 23A256 Datasheet HTML 9Page - Microchip Technology 23A256 Datasheet HTML 10Page - Microchip Technology 23A256 Datasheet HTML 11Page - Microchip Technology 23A256 Datasheet HTML 12Page - Microchip Technology 23A256 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
© 2009 Microchip Technology Inc.
DS22100D-page 9
23A256/23K256
FIGURE 2-5:
SEQUENTIAL READ SEQUENCE
SI
CS
9 10 11
2122 2324 252627 2829 30 31
15 14 13 12
210
765
43
2
1
0
Instruction
16-bit Address
Page X, Word Y
SCK
0
234
567
18
SO
CS
76543
210
Page X+1, Word 1
SCK
76543
210
Page X+1, Word 0
76543
210
Page X, Word 31
SO
CS
7654
3210
Page X+n, Word 31
SCK
7654
3210
Page X+n, Word 1
7654
3210
Page X+1, Word 31
SO
SI
SI
01
0
0
0
0
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com