Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1416RT Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP1416RT
Description  Tiny 1.5A, High-Speed Power MOSFET Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1416RT Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP1416RT Datasheet HTML 8Page - Microchip Technology MCP1416RT Datasheet HTML 9Page - Microchip Technology MCP1416RT Datasheet HTML 10Page - Microchip Technology MCP1416RT Datasheet HTML 11Page - Microchip Technology MCP1416RT Datasheet HTML 12Page - Microchip Technology MCP1416RT Datasheet HTML 13Page - Microchip Technology MCP1416RT Datasheet HTML 14Page - Microchip Technology MCP1416RT Datasheet HTML 15Page - Microchip Technology MCP1416RT Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
MCP1415/16
DS22092C-page 12
© 2008 Microchip Technology Inc.
4.4
Power Dissipation
The total internal power dissipation in a MOSFET driver
is the summation of three separate power dissipation
elements.
EQUATION 4-1:
4.4.1
CAPACITIVE LOAD DISSIPATION
The power dissipation caused by a capacitive load is a
direct function of the frequency, total capacitive load,
and supply voltage. The power lost in the MOSFET
driver for a complete charging and discharging cycle of
a MOSFET is shown in Equation 4-2.
EQUATION 4-2:
4.4.2
QUIESCENT POWER DISSIPATION
The power dissipation associated with the quiescent
current draw depends upon the state of the input pin.
The MCP1415/16 devices have a quiescent current
draw when the input is high of 0.65 mA (typical) and
0.1 mA (typical) when the input is low. The quiescent
power dissipation is shown in Equation 4-3.
EQUATION 4-3:
4.4.3
OPERATING POWER DISSIPATION
The operating power dissipation occurs each time the
MOSFET driver output transitions because for a very
short period of time both MOSFETs in the output stage
are on simultaneously. This cross-conduction current
leads to a power dissipation describe in Equation 4-4.
EQUATION 4-4:
4.5
PCB Layout Considerations
Proper PCB layout is important in high current, fast
switching circuits to provide proper device operation
and robustness of design. Improper component
placement may cause errant switching, excessive
voltage ringing, or circuit latch-up. PCB trace loop area
and
inductance
must
be
minimized.
This
is
accomplished by placing the MOSFET driver directly at
the load and placing the bypass capacitor directly at the
MOSFET driver (Figure 4-3). Locating ground planes
or ground return traces directly beneath the driver
output signal also reduces trace inductance. A ground
plane will also help as a radiated noise shield as well as
providing some heat sinking for power dissipated within
the device (Figure 4-4).
FIGURE 4-3:
Recommended PCB Layout
(TOP).
FIGURE 4-4:
Recommended PCB Layout
(BOTTOM).
P
T
P
L
P
Q
P
CC
++
=
Where:
PT
=
Total power dissipation
PL
=
Load power dissipation
PQ
=
Quiescent power dissipation
PCC
=
Operating power dissipation
P
L
fC
T
×
V
DD
2
×
=
Where:
f
=
Switching frequency
CT
=
Total load capacitance
VDD
=
MOSFET driver supply voltage
P
Q
I
QH
DI
QL
1
D
–
()
×
+
×
() V
DD
×
=
Where:
IQH
=
Quiescent current in the high
state
D
=
Duty cycle
IQL
=
Quiescent current in the low
state
VDD
=
MOSFET driver supply voltage
P
CC
CC
f
×
V
DD
×
=
Where:
CC
=
Cross-conduction constant
(A*sec)
f
=
Switching frequency
VDD
=
MOSFET driver supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com