Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4142T-103E/MS Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP4142T-103E/MS
Description  7/8-Bit Single/Dual SPI Digital POT with Non-Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4142T-103E/MS Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP4142T-103E/MS Datasheet HTML 26Page - Microchip Technology MCP4142T-103E/MS Datasheet HTML 27Page - Microchip Technology MCP4142T-103E/MS Datasheet HTML 28Page - Microchip Technology MCP4142T-103E/MS Datasheet HTML 29Page - Microchip Technology MCP4142T-103E/MS Datasheet HTML 30Page - Microchip Technology MCP4142T-103E/MS Datasheet HTML 31Page - Microchip Technology MCP4142T-103E/MS Datasheet HTML 32Page - Microchip Technology MCP4142T-103E/MS Datasheet HTML 33Page - Microchip Technology MCP4142T-103E/MS Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 88 page
background image
MCP414X/416X/424X/426X
DS22059B-page 30
© 2008 Microchip Technology Inc.
4.2.1
NON-VOLATILE MEMORY
(EEPROM)
This memory can be grouped into two uses of
non-volatile memory. These are:
• General Purpose Registers
• Non-Volatile Wiper Registers
The non-volatile wipers starts functioning below the
devices VPOR/VBOR trip point.
4.2.1.1
General Purpose Registers
These locations allow the user to store up to 10 (9-bit)
locations worth of information.
4.2.1.2
Non-Volatile Wiper Registers
These locations contain the wiper values that are
loaded into the corresponding volatile wiper register
whenever the device has a POR/BOR event. There are
up to two registers, one for each resistor network.
The non-volatile wiper register enables stand-alone
operation of the device (without Microcontroller control)
after being programmed to the desired value.
4.2.1.3
Factory Initialization of Non-Volatile
Memory (EEPROM)
The Non-Volatile Wiper values will be initialized to
mid-scale value. This is shown in Table 4-2.
The General purpose EEPROM memory will be
programmed to a default value of 0xFF.
It is good practice in the manufacturing flow to
configure the device to your desired settings.
TABLE 4-2:
DEFAULT FACTORY
SETTINGS SELECTION
4.2.1.4
Special Features
There are 3 non-volatile bits that are not directly
mapped into the address space. These bits control the
following functions:
• EEPROM Write Protect
• WiperLock Technology for Non-Volatile Wiper 0
• WiperLock Technology for Non-Volatile Wiper 1
The operation of WiperLock Technology is discussed in
Section 5.3
. The state of the WL0, WL1, and WP bits
is reflected in the STATUS register (see Register 4-1).
EEPROM Write Protect
All internal EEPROM memory can be Write Protected.
When EEPROM memory is Write Protected, Write
commands to the internal EEPROM are prevented.
Write Protect (WP) can be enabled/disabled by two
methods. These are:
• External WP Hardware pin (MCP42X1 devices
only)
• Non-Volatile configuration bit
High Voltage commands are required to enable and
disable the nonvolatile WP bit. These commands are
shown in Section 7.9 “Modify Write Protect or Wip-
erLock Technology (High Voltage)”
.
To write to EEPROM, both the external WP pin and the
internal WP EEPROM bit must be disabled. Write
Protect does not block commands to the volatile
registers.
4.2.2
VOLATILE MEMORY (RAM)
There are four Volatile Memory locations. These are:
• Volatile Wiper 0
• Volatile Wiper 1
(Dual Resistor Network devices only)
• Status Register
• Terminal Control (TCON) Register
The volatile memory starts functioning at the RAM
retention voltage (VRAM).
Wiper
Code
8-bit 7-bit
-502
5.0 k
Ω
Mid-scale 80h
40h
Disabled
-103
10.0 k
Ω Mid-scale 80h
40h
Disabled
-503
50.0 k
Ω Mid-scale 80h
40h
Disabled
-104
100.0 k
Ω Mid-scale 80h
40h
Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com