Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24AA02H-E/P Datasheet(PDF) 13 Page - Microchip Technology

Part # 24AA02H-E/P
Description  2K I2C??Serial EEPROM with Half-Array Write-Protect
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA02H-E/P Datasheet(HTML) 13 Page - Microchip Technology

Back Button 24AA02H-E/P Datasheet HTML 9Page - Microchip Technology 24AA02H-E/P Datasheet HTML 10Page - Microchip Technology 24AA02H-E/P Datasheet HTML 11Page - Microchip Technology 24AA02H-E/P Datasheet HTML 12Page - Microchip Technology 24AA02H-E/P Datasheet HTML 13Page - Microchip Technology 24AA02H-E/P Datasheet HTML 14Page - Microchip Technology 24AA02H-E/P Datasheet HTML 15Page - Microchip Technology 24AA02H-E/P Datasheet HTML 16Page - Microchip Technology 24AA02H-E/P Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
© 2008 Microchip Technology Inc.
DS22105A-page 13
24AA02H/24LC02BH
Part Number
1st Line Marking Codes
TSSOP
MSOP
SOT-23
TDFN
SC-70
I Temp.
E Temp.
I Temp.
E Temp.
I Temp.
E Temp.
24AA02
4A2H
4A02HT
2MNN
—
AD1
—
C5NN
—
24LC02B
4L2H
4L2BHT
2QNN
2RNN
AD4
AD5
C4NN
C6NN
Note:
T = Temperature grade (I, E)
NN = Alphanumeric traceability code
Legend: XX...X
Part number or part number code
T
Temperature (I, E)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC designator for Matte Tin (Sn)
Note:
For very small packages with no room for the Pb-free JEDEC designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
Note:
Please visit www.microchip.com/Pbfree for the latest information on Pb-free conversion.
*Standard OTP marking consists of Microchip part number, year code, week code, and traceability code.
8-Lead 2x3 TDFN
XXX
YWW
NN
AD4
527
13
Example:
5-Lead SC-70
Example:
XXNN
C43F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com