Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC01BH-I/ST Datasheet(PDF) 7 Page - Microchip Technology

Part # 24LC01BH-I/ST
Description  1K I2C??Serial EEPROM with Half-Array Write-Protect
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC01BH-I/ST Datasheet(HTML) 7 Page - Microchip Technology

Back Button 24LC01BH-I/ST Datasheet HTML 3Page - Microchip Technology 24LC01BH-I/ST Datasheet HTML 4Page - Microchip Technology 24LC01BH-I/ST Datasheet HTML 5Page - Microchip Technology 24LC01BH-I/ST Datasheet HTML 6Page - Microchip Technology 24LC01BH-I/ST Datasheet HTML 7Page - Microchip Technology 24LC01BH-I/ST Datasheet HTML 8Page - Microchip Technology 24LC01BH-I/ST Datasheet HTML 9Page - Microchip Technology 24LC01BH-I/ST Datasheet HTML 10Page - Microchip Technology 24LC01BH-I/ST Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
© 2008 Microchip Technology Inc.
DS22104A-page 7
24AA01H/24LC01BH
4.6
Device Addressing
A control byte is the first byte received following the
Start condition from the master device. The control byte
consists of a four-bit control code. For the 24XX01H,
this is set as ‘1010’ binary for read and write opera-
tions. The next three bits of the control byte are “don’t
cares” for the 24XX01H.
The last bit of the control byte defines the operation to
be performed. When set to ‘1’, a read operation is
selected. When set to ‘0’, a write operation is selected.
Following the Start condition, the 24XX01H monitors
the SDA bus, checking the device type identifier being
transmitted. Upon receiving a ‘1010’ code, the slave
device outputs an Acknowledge signal on the SDA line.
Depending on the state of the R/W bit, the 24XX01H
will select a read or write operation.
FIGURE 4-2:
CONTROL BYTE
ALLOCATION
Operation
Control
Code
Block Select
R/W
Read
1010
Block Address
1
Write
1010
Block Address
0
10
1
0
xx
x
R/W ACK
Start Bit
Read/Write Bit
x = “don’t care”
S
Slave Address
Acknowledge Bit
Control Code
Block
Select
Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com