Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6561 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP6561
Description  1.8V Low Power Push-Pull Output Comparator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6561 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP6561 Datasheet HTML 4Page - Microchip Technology MCP6561 Datasheet HTML 5Page - Microchip Technology MCP6561 Datasheet HTML 6Page - Microchip Technology MCP6561 Datasheet HTML 7Page - Microchip Technology MCP6561 Datasheet HTML 8Page - Microchip Technology MCP6561 Datasheet HTML 9Page - Microchip Technology MCP6561 Datasheet HTML 10Page - Microchip Technology MCP6561 Datasheet HTML 11Page - Microchip Technology MCP6561 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
MCP6561/1R/1U/2/4
DS22139B-page 8
© 2009 Microchip Technology Inc.
Note: Unless otherwise indicated, VDD = +1.8V to +5.5V, VSS = GND, TA = +25°C, VIN+ = VDD/2, VIN– = GND,
RL = 10 kΩ to VDD/2, and CL = 25 pF.
FIGURE 2-19:
Quiescent Current vs.
Toggle Frequency.
FIGURE 2-20:
Output Headroom Vs Output
Current.
FIGURE 2-21:
Low-to-High and High-to-
Low Propagation Delays.
FIGURE 2-22:
Short Circuit Current vs.
Supply Voltage vs. Temperature.
FIGURE 2-23:
Output Headroom Vs Output
Current.
FIGURE 2-24:
Low-to-High and High-to-
Low Propagation Delays .
50
100
150
200
250
300
350
400
10
100
1000
10000 100000 100000
0
1E+07
Toggle Frequency (Hz)
VDD = 1.8V
VDD = 5.5V
10
100
1k
10k
100k
1M
10M
100 mV Over-Drive
VCM = VDD/2
RL = Open
0dB Output Attenuation
0
200
400
600
800
1000
0.0
3.0
6.0
9.0
12.0
15.0
I
OUT (mA)
VDD= 1.8V
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C
VOL
VOL
VDD - VOH
0%
10%
20%
30%
40%
50%
30
35
40
45
50
55
60
65
70
75
80
Prop. Delay (ns)
VDD= 1.8V
100 mV Over-Drive
VCM = VDD/2
tPLH
Avg. = 47 ns
StDev= 2 ns
198 units
tPHL
Avg. = 54.4 ns
StDev= 2 ns
198 units
-120
-80
-40
0
40
80
120
0.0
1.0
2.0
3.0
4.0
5.0
6.0
V
DD (V)
TA= -40°C
TA= +85°C
TA= +125°C
TA= +25°C
TA= -40°C
TA= +125°C
TA= +85°C
TA= +25°C
0
200
400
600
800
1000
1200
1400
0
5
10
15
20
25
I
OUT (mA)
VDD= 5.5V
TA = 125°C
TA = 85°C
TA = -40°C
TA = 125°C
TA = 25°C
TA = 125°C
VOL
VDD - VOH
0%
10%
20%
30%
40%
50%
30
35
40
45
50
55
60
65
70
75
80
Prop. Delay (ns)
VDD= 5.5V
100mV Over-Drive
VCM = VDD/2
tPLH
Avg. = 44.6 ns
StDev= 2.7 ns
198 units
tPHL
Avg. = 33 ns
StDev= 1 ns
198 units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com