Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4151-104E/MS Datasheet(PDF) 50 Page - Microchip Technology

Part # MCP4151-104E/MS
Description  7/8-Bit Single/Dual SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4151-104E/MS Datasheet(HTML) 50 Page - Microchip Technology

Back Button MCP4151-104E/MS Datasheet HTML 46Page - Microchip Technology MCP4151-104E/MS Datasheet HTML 47Page - Microchip Technology MCP4151-104E/MS Datasheet HTML 48Page - Microchip Technology MCP4151-104E/MS Datasheet HTML 49Page - Microchip Technology MCP4151-104E/MS Datasheet HTML 50Page - Microchip Technology MCP4151-104E/MS Datasheet HTML 51Page - Microchip Technology MCP4151-104E/MS Datasheet HTML 52Page - Microchip Technology MCP4151-104E/MS Datasheet HTML 53Page - Microchip Technology MCP4151-104E/MS Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 88 page
background image
MCP413X/415X/423X/425X
DS22060B-page 50
© 2008 Microchip Technology Inc.
7.4
Continuous Commands
The device supports the ability to execute commands
continuously. While the CS pin is in the active state
(VIL or VIHH). Any sequence of valid commands may be
received.
The following example is a valid sequence of events:
1.
CS pin driven active (VIL or VIHH).
2.
Read Command.
3.
Increment Command (Wiper 0).
4.
Increment Command (Wiper 0).
5.
Decrement Command (Wiper 1).
6.
Write Command.
7.
Write Command.
8.
CS pin driven inactive (VIH).
TABLE 7-3:
COMMANDS
Note 1: It is recommended that while the CS pin is
active, only one type of command should
be issued. When changing commands, it
is recommended to take the CS pin
inactive then force it back to the active
state.
2: It is also recommended that long
command strings should be broken down
into shorter command strings. This
reduces the probability of noise on the
SCK pin corrupting the desired SPI
command string.
Command Name
# of Bits
High Voltage
(VIHH) on CS
pin?
Write Data
16-Bits
—
Read Data
16-Bits
—
Increment Wiper
8-Bits
—
Decrement Wiper
8-Bits
—
High Voltage Write Data
16-Bits
Yes
High Voltage Read Data
16-Bits
Yes
High Voltage Increment Wiper
8-Bits
Yes
High Voltage Decrement Wiper
8-Bits
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com