Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC04BHT-E/SN Datasheet(PDF) 10 Page - Microchip Technology

Part # 24LC04BHT-E/SN
Description  4K I2C??Serial EEPROM with Half-Array Write-Protect
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC04BHT-E/SN Datasheet(HTML) 10 Page - Microchip Technology

Back Button 24LC04BHT-E/SN Datasheet HTML 6Page - Microchip Technology 24LC04BHT-E/SN Datasheet HTML 7Page - Microchip Technology 24LC04BHT-E/SN Datasheet HTML 8Page - Microchip Technology 24LC04BHT-E/SN Datasheet HTML 9Page - Microchip Technology 24LC04BHT-E/SN Datasheet HTML 10Page - Microchip Technology 24LC04BHT-E/SN Datasheet HTML 11Page - Microchip Technology 24LC04BHT-E/SN Datasheet HTML 12Page - Microchip Technology 24LC04BHT-E/SN Datasheet HTML 13Page - Microchip Technology 24LC04BHT-E/SN Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
24AA04H/24LC04BH
DS22119A-page 10
© 2008 Microchip Technology Inc.
FIGURE 7-2:
RANDOM READ
FIGURE 7-3:
SEQUENTIAL READ
S
P
S
Bus Activity
Master
SDA Line
Bus Activity
S
T
A
R
T
S
T
O
P
Control
Byte
A
C
K
Word
Address (n)
Control
Byte
S
T
A
R
T
Data (n)
A
C
K
A
C
K
N
o
A
C
K
x
= “don’t care”
1 01 0
x B0 01
1
0
0
x B0 1
x
x
Block
Select
Bits
Block
Select
Bits
P
Bus Activity
Master
SDA Line
Bus Activity
S
T
O
P
Control
Byte
A
C
K
N
o
A
C
K
Data (n)
Data (n + 1)
Data (n + 2)
Data (n + X)
A
C
K
A
C
K
A
C
K
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com