Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC04BHT-I/MS Datasheet(PDF) 12 Page - Microchip Technology

Part # 24LC04BHT-I/MS
Description  4K I2C??Serial EEPROM with Half-Array Write-Protect
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC04BHT-I/MS Datasheet(HTML) 12 Page - Microchip Technology

Back Button 24LC04BHT-I/MS Datasheet HTML 8Page - Microchip Technology 24LC04BHT-I/MS Datasheet HTML 9Page - Microchip Technology 24LC04BHT-I/MS Datasheet HTML 10Page - Microchip Technology 24LC04BHT-I/MS Datasheet HTML 11Page - Microchip Technology 24LC04BHT-I/MS Datasheet HTML 12Page - Microchip Technology 24LC04BHT-I/MS Datasheet HTML 13Page - Microchip Technology 24LC04BHT-I/MS Datasheet HTML 14Page - Microchip Technology 24LC04BHT-I/MS Datasheet HTML 15Page - Microchip Technology 24LC04BHT-I/MS Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
24AA04H/24LC04BH
DS22119A-page 12
© 2008 Microchip Technology Inc.
9.0
PACKAGING INFORMATION
9.1
Package Marking Information
8-Lead SOIC (3.90 mm)
Example:
XXXXXXXX
T/XXYYWW
NNN
24L04BHI
SN
0827
13F
5-Lead SOT-23
Example:
XXNN
3QNN
XXXXXXXX
T/XXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
24LC04BH
I/P
13F
0827
8-Lead TSSOP
Example:
8-Lead MSOP
Example:
XXXX
TYWW
NNN
XXXXXT
YWWNNN
4L4H
I827
13F
4L4BHI
82713F
3
e
3
e
8-Lead 2x3 TDFN
XXX
YWW
NN
AE4
827
13
Example:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com