Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6564T-E/MS Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP6564T-E/MS
Description  1.8V Low Power Push-Pull Output Comparator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6564T-E/MS Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP6564T-E/MS Datasheet HTML 6Page - Microchip Technology MCP6564T-E/MS Datasheet HTML 7Page - Microchip Technology MCP6564T-E/MS Datasheet HTML 8Page - Microchip Technology MCP6564T-E/MS Datasheet HTML 9Page - Microchip Technology MCP6564T-E/MS Datasheet HTML 10Page - Microchip Technology MCP6564T-E/MS Datasheet HTML 11Page - Microchip Technology MCP6564T-E/MS Datasheet HTML 12Page - Microchip Technology MCP6564T-E/MS Datasheet HTML 13Page - Microchip Technology MCP6564T-E/MS Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
MCP6561/1R/1U/2/4
DS22139B-page 10
© 2009 Microchip Technology Inc.
Note: Unless otherwise indicated, VDD = +1.8V to +5.5V, VSS = GND, TA = +25°C, VIN+ = VDD/2, VIN– = GND,
RL = 10 kΩ to VDD/2, and CL = 25 pF.
FIGURE 2-31:
Propagation Delay vs.
Capacitive Load.
FIGURE 2-32:
Input Bias Current vs. Input
Voltage vs Temperature.
FIGURE 2-33:
Common-mode Rejection
Ratio and Power Supply Rejection Ratio vs.
Temperature.
FIGURE 2-34:
Power Supply Rejection
Ratio (PSRR).
FIGURE 2-35:
Common-mode Rejection
Ratio (CMRR).
FIGURE 2-36:
Common-mode Rejection
Ratio (CMRR).
0.01
0.1
1
10
100
1000
1
10
100
1000
10000 100000 1E+06
Capacitive Load (nf)
0.001
0.01
0.1
1
10
10
1000
VDD = 1.8V, tPLH
VDD = 1.8V, tPHL
VDD = 1.8V, tPLH
VDD = 1.8V, tPHL
VDD = 1.8V, tPLH
VDD = 1.8V, tPHL
VDD = 5.5V, tPLH
VDD = 5.5V, tPHL
100mV Over-Drive
VCM = VDD/2
1E-01
1E+01
1E+03
1E+05
1E+07
1E+09
1E+11
-0.8
-0.6
-0.4
-0.2
0
Input Voltage (V)
TA= -40°C
TA= +85°C
TA= +125°C
TA= +25°C
0.1p
10p
1n
100n
10µ
1m
10m
70
72
74
76
78
80
-50
-25
0
25
50
75
100
125
Temperature (°C)
VCM = -0.3V to VDD + 0.3V
VDD = 5.5V
CMRR
VCM = VSS
VDD = 1.8V to 5.5V
PSRR
Input Referred
0%
5%
10%
15%
20%
25%
30%
-600
-400
-200
0
200
400
600
PSRR (µV/V)
VCM = VSS
Avg. = 200 µV/V
StDev= 94 µV/V
3588 units
0%
10%
20%
30%
-5
-4
-3
-2
-1
01
2345
CMRR (mV/V)
VDD= 1.8V
3588 units
VCM = -0.2V to VDD/2
Avg. = 0.5 mV
StDev= 0.1 mV
VCM = VDD/2 to VDD+ 0.2V
Avg. = 0.7 mV
StDev= 1 mV
VCM = -0.2V to VDD + 0.2V
Avg. = 0.6 mV
StDev= 0.1 mV
0%
10%
20%
30%
-2.5 -2.0 -1.5 -1.0 -0.5 0.0 0.5 1.0 1.5 2.0 2.5
CMRR (mV/V)
VDD= 5.5V
3588 units
VCM = -0.3V to VDD/2
Avg. = 0.2 mV
StDev= 0.4 mV
VCM = VDD/2 to VDD+ 0.3V
Avg. = 0.03 mV
StDev= 0.7 mV
VCM = -0.3V to VDD + 0.3V
Avg. = 0.1 mV
StDev= 0.4 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com