Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6071T Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP6071T
Description  110 關A, High Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6071T Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP6071T Datasheet HTML 14Page - Microchip Technology MCP6071T Datasheet HTML 15Page - Microchip Technology MCP6071T Datasheet HTML 16Page - Microchip Technology MCP6071T Datasheet HTML 17Page - Microchip Technology MCP6071T Datasheet HTML 18Page - Microchip Technology MCP6071T Datasheet HTML 19Page - Microchip Technology MCP6071T Datasheet HTML 20Page - Microchip Technology MCP6071T Datasheet HTML 21Page - Microchip Technology MCP6071T Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
MCP6071/2/4
DS22142A-page 18
© 2009 Microchip Technology Inc.
4.7
Application Circuits
4.7.1
GYRATOR
The MCP6071/2/4 op amps can be used in gyrator
applicaitons. The gyrator is an electric circuit which can
make a capacitive circuit behave inductively. Figure 4-
7 shows an example of a gyrator simulating induc-
tance, with an approximately equivalent circuit below.
The two ZIN have similar values in typical applications.
The primary application for a gyrator is to reduce the
size and cost of a system by removing the need for
bulky, heavy and expensive inductors. For example,
RLC bandpass filter characteristics can be realized
with capacitors, resistors and operational amplifiers
without using inductors. Moreover, gyrators will typi-
cally have higher accuracy than real inductors, due to
the lower cost of precision capacitors than inductors.
.
FIGURE 4-7:
Gyrator.
4.7.2
INSTRUMENTATION AMPLIFIER
The MCP6071/2/4 op amps are well suited for condi-
tioning sensor signals in battery-powered applications.
Figure 4-8 shows a two op amp instrumentation
amplifier, using the MCP6072, that works well for
applications requiring rejection of common mode noise
at higher gains. The reference voltage (VREF) is
supplied by a low impedance source. In single supply
applications, VREF is typically VDD/2.
FIGURE 4-8:
Two Op Amp
Instrumentation Amplifier.
To obtain the best CMRR possible, and not limit the
performance by the resistor tolerances, set a high gain
with the RG resistor.
4.7.3
PRECISION COMPARATOR
Use high gain before a comparator to improve the
latter’s input offset performance. Figure 4-9 shows a
gain of 11 V/V placed before a comparator. The
reference voltage VREF can be any value between the
supply rails.
FIGURE 4-9:
Precision, Non-inverting
Comparator.
MCP6071
RL
VOUT
Gyrator
ZIN
R
C
Z
IN
R
L
j
ωL
+
=
LR
LRC
=
RL
L
ZIN
Equivalent Circuit
V
OUT
V
1
V
2
–
() 1
R
1
R
2
------
2R
1
R
G
---------
++
⎝⎠
⎛⎞
V
REF
+
=
VREF R1
R2
R2
R1
VOUT
RG
V2
V1
½
MCP6072
½
MCP6072
VIN
1M
Ω
VOUT
MCP6071
100 k
Ω
MCP6541
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com