Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6566RT-E/OT Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP6566RT-E/OT
Description  1.8V Low Power Open-Drain Output Comparator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6566RT-E/OT Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP6566RT-E/OT Datasheet HTML 14Page - Microchip Technology MCP6566RT-E/OT Datasheet HTML 15Page - Microchip Technology MCP6566RT-E/OT Datasheet HTML 16Page - Microchip Technology MCP6566RT-E/OT Datasheet HTML 17Page - Microchip Technology MCP6566RT-E/OT Datasheet HTML 18Page - Microchip Technology MCP6566RT-E/OT Datasheet HTML 19Page - Microchip Technology MCP6566RT-E/OT Datasheet HTML 20Page - Microchip Technology MCP6566RT-E/OT Datasheet HTML 21Page - Microchip Technology MCP6566RT-E/OT Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
MCP6566/6R/6U/7/9
DS22143B-page 18
© 2009 Microchip Technology Inc.
It is also possible to connect the diodes to the left of the
resistors R1 and R2. In this case, the currents through
the diodes D1 and D2 need to be limited by some other
mechanism. The resistor then serves as in-rush current
limiter; the DC current into the input pins (VIN+ and
VIN–) should be very small.
A significant amount of current can flow out of the
inputs when the common mode voltage (VCM) is below
ground (VSS); see Figure 4-3. Applications that are
high impedance may need to limit the useable voltage
range.
4.1.3
PHASE REVERSAL
The MCP6566/6R/6U/7/9 comparator family uses
CMOS transistors at the input. They are designed to
prevent phase inversion when the input pins exceed
the supply voltages. Figure 2-3 shows an input voltage
exceeding both supplies with no resulting phase
inversion.
4.2
Open-Drain Output
The open-drain output is designed to make level-shift-
ing and wired-OR logic easy to implement. The output
stage minimizes switching current (shoot-through
current
from
supply-to-supply)
when
the
output
changes state. See Figures 2-15, 2-18, 2-35 and 2-36,
for more information.
4.3
Externally Set Hysteresis
Greater flexibility in selecting hysteresis (or input trip
points) is achieved by using external resistors.
Hysteresis reduces output chattering when one input is
slowly moving past the other. It also helps in systems
where it is best not to cycle between high and low
states too frequently (e.g., air conditioner thermostatic
control). Output chatter also increases the dynamic
supply current.
4.3.1
NON-INVERTING CIRCUIT
Figure 4-4 shows a non-inverting circuit for single-
supply applications using just two resistors. The
resulting hysteresis diagram is shown in Figure 4-5.
FIGURE 4-4:
Non-Inverting Circuit with
Hysteresis for Single-Supply.
FIGURE 4-5:
Hysteresis Diagram for the
Non-Inverting Circuit.
The trip points for Figures 4-4 and 4-5 are:
EQUATION 4-1:
VREF
VIN
VOUT
VDD
R1
RF
+
-
VPU
RPU
MCP656X
VOUT
High-to-Low
Low-to-High
VDD
VOH
VOL
VSS
VSS
VDD
VTHL VTLH
VIN
V
TLH
V
REF
1
R
1
R
F
-------
+
⎝⎠
⎜⎟
⎛⎞
V
OL
R
1
R
F
-------
⎝⎠
⎜⎟
⎛⎞
–
=
V
THL
V
REF
1
R
1
R
F
-------
+
⎝⎠
⎜⎟
⎛⎞
V
OH
R
1
R
F
-------
⎝⎠
⎜⎟
⎛⎞
–
=
Where:
VTLH
=
trip voltage from low-to-high
VTHL
=
trip voltage from high-to-low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com