Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBM2115 Datasheet(PDF) 2 Page - American Accurate Components, Inc.

Part # DBM2115
Description  RF Mixer Double Balance SMD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

DBM2115 Datasheet(HTML) 2 Page - American Accurate Components, Inc.

  DBM2115 Datasheet HTML 1Page - American Accurate Components, Inc. DBM2115 Datasheet HTML 2Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CHIP DOUBLE BALANCED MIXERS
- 1460M ~ 1570MHz -
Style No.
DBM 2115 - 01A
Frequency
Range
[ MHz ]
RF Input
{Port (1)} 1460~1570
LO Input
Lo Power
[ dBm ]
+8
+3
Conversion
Loss
[ dB ]
8.5 max.
9.0 max.
Intercept
Point
[ dBm ]
+5.0 min.
+3.5 min.
1 dB
Compression
[ dBm ]
−
Isolation
[ dB ]
RF
-> IF 8 min.
LO
-> IF 15 min.
Impedance
[
Ω ]
Max. Input
Power
[ mW ]
Max. Input
Current
[ mA ]
(RX)
{Port (4)} 1510~1720
IF Output
{Port (7)} 50~150
0
9.5 max.
+2.0 min.
4.0 min.
LO
-> RF 12 min.
50
50
50
- 2110M ~ 2190MHz -
Style No.
Frequency
Range
[ MHz ]
Lo Power
[ dBm ]
Conversion
Loss
[ dB ]
Intercept
Point
[ dBm ]
1 dB
Compression
[ dBm ]
Isolation
[ dB ]
Impedance
[
Ω ]
Max. Input
Power
[ mW ]
Max. Input
Current
[ mA ]
DBM 2219W - 01A
(RX)
DBM 2219W - 01B
(TX)
RF Input
{Port (4)} 2110~2190
LO Input
{Port (1)} 1865~1955
IF Output
{Port (7)} 235~245
IF Input
{Port (7)} 235~245
LO Output
{Port (1)} 1865~1955
RF Input
{Port (4)} 2110~2190
0
0
8.0 max.
8.0 max.
+3.0 min.
−
−6.0 min.
−6.0 min.
LO
-> RF 12 min.
LO
-> IF 8 min.
RF
-> IF 15 min.
LO
-> RF 12 min.
LO
-> IF 8 min.
50
50
50
50
50
50
American Accurate Components, Inc.
2
Surface Mount Frequency Mixer
The content of this specification may change without notification 11/08/07
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com