Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP98243 Datasheet(PDF) 26 Page - Microchip Technology

Part # MCP98243
Description  Memory Module Temperature Sensor w/ EEPROM for SPD
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98243 Datasheet(HTML) 26 Page - Microchip Technology

Back Button MCP98243 Datasheet HTML 22Page - Microchip Technology MCP98243 Datasheet HTML 23Page - Microchip Technology MCP98243 Datasheet HTML 24Page - Microchip Technology MCP98243 Datasheet HTML 25Page - Microchip Technology MCP98243 Datasheet HTML 26Page - Microchip Technology MCP98243 Datasheet HTML 27Page - Microchip Technology MCP98243 Datasheet HTML 28Page - Microchip Technology MCP98243 Datasheet HTML 29Page - Microchip Technology MCP98243 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 62 page
background image
MCP98243
DS22153B-page 26
© 2009 Microchip Technology Inc.
5.1.4
AMBIENT TEMPERATURE
REGISTER (TA)
The MCP98243 uses a band gap temperature sensor
circuit to output analog voltage proportional to absolute
temperature. An internal
ΔΣ ADC is used to convert the
analog voltage to a digital word. The converter
resolution is set to 0.25 °C + sign (11-bit data). The
digital word is loaded to a 16-bit read-only Ambient
Temperature register
(TA) that contains 11-bit
temperature data in two’s complement format.
The TA register bits (bits 12 thru 0) are double-buffered.
Therefore, the user can access the register while, in the
background, the MCP98243 performs an analog-to-
digital conversion. The temperature data from the
ΔΣ
ADC is loaded in parallel to the TA register at tCONV
refresh rate.
In addition, the TA register uses three bits (bits 15, 14
and 13) to reflect the Event pin state. This allows the
user to identify the cause of the Event output trigger
(see Section 5.2.3 “Event Output Configuration”);
bit 15 is set to ‘1’ if TA is greater than or equal to TCRIT,
bit 14 is set to ‘1’ if TA is greater than TUPPER and bit 13
is set to ‘1’ if TA is less than TLOWER.
The TA register bit assignment and boundary
conditions are described in Register 5-5.
REGISTER 5-5:
AMBIENT TEMPERATURE REGISTER (TA) → ADDRESS ‘0000 0101’b (NOTE 1)
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
TA vs. TCRIT TA vs. TUPPER TA vs. TLOWER
SIGN
27 °C
26 °C
25 °C
24 °C
bit 15
bit 8
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
23 °C
22 °C
21 °C
20 °C
2-1 °C
2-2 °C
2-3 °C
2-4 °C
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
TA vs. TCRIT (1) Bit:
0
=TA < TCRIT
1
=TA ≥ TCRIT
bit 14
TA vs. TUPPER (1) Bit:
0
=TA ≤ TUPPER
1
=TA > TUPPER
bit 13
TA vs. TLOWER (1) Bit:
0
=TA ≥ TLOWER
1
=TA < TLOWER
bit 12
SIGN Bit:
0
=TA ≥ 0°C
1
=TA < 0°C
bit 11-0
Ambient Temperature (TA) Bits: (Note 2)
12-bit Ambient Temperature data in two’s complement format.
Note 1: Bits 15, 14 and 13 are not affected by the status of the Event output configuration (bits 5 to 0 of CONFIG)
(Register 5-3).
2: Bits 2, 1, and 0 may remain clear '0' depending on the status of the resolution register (Register 5-8).
The Power-up default is 0.25°C/bit, bits 1 and 0 remain clear '0'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com