Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP98243T Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP98243T
Description  Memory Module Temperature Sensor w/ EEPROM for SPD
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98243T Datasheet(HTML) 5 Page - Microchip Technology

  MCP98243T Datasheet HTML 1Page - Microchip Technology MCP98243T Datasheet HTML 2Page - Microchip Technology MCP98243T Datasheet HTML 3Page - Microchip Technology MCP98243T Datasheet HTML 4Page - Microchip Technology MCP98243T Datasheet HTML 5Page - Microchip Technology MCP98243T Datasheet HTML 6Page - Microchip Technology MCP98243T Datasheet HTML 7Page - Microchip Technology MCP98243T Datasheet HTML 8Page - Microchip Technology MCP98243T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
© 2009 Microchip Technology Inc.
DS22153B-page 5
MCP98243
SENSOR AND EEPROM SERIAL INTERFACE TIMING SPECIFICATIONS
Electrical Specifications: Unless otherwise indicated, GND = Ground, TA = -20°C to +125°C, and CL = 80 pF
(Note 1, 5).
VDD= 1.8V to 5.5V VDD= 2.2V to 5.5V
Parameters
Sym
Min
Max
Min
Max
Units
Conditions
2-Wire I2C Interface
Serial port frequency
fSCL
10
100
10
400
kHz
Note 2, 4
Low Clock
tLOW
4700
—
1300
—ns
Note 2
High Clock
tHIGH
4000
—
600
—ns
Note 2
Rise time
tR
—
1000
20
300
ns
Fall time
tF
20
300
20
300
ns
Data in Setup time
tSU:DI
250
—
100
—ns
Note 3
Data in Hold time
tHD:DI
0—
0
—ns
Note 6
Data out Hold time
tHD:DO
200
900
200
900
ns
Note 4
Start Condition Setup time
tSU:STA
4700
—
600
—ns
Start Condition Hold time
tHD:STA
4000
—
600
—ns
Stop Condition Setup time
tSU:STO
4000
—
600
—ns
Bus idle
tB:FREE
4700
—
1300
—ns
Time out (Sensor Only)
tOUT
——
25
35
ms
VDD= 3.0V to 3.6V
Bus Capacitive load
Cb
——
—
400
pf
Note 1: All values referred to VIL MAX and VIH MIN levels.
2: If tLOW > tOUT or tHIGH > tOUT, the temperature sensor I2C interface will time out. A Repeat Start command
is required for communication.
3: This device can be used in a Standard-mode I2C-bus system, but the requirement tSU:DAT ≥ 250 ns must
be met. This device does not stretch SCL Low time. It outputs the next data bit to the SDA line within
tRMAX + tSU:DI MIN = 1000 ns + 250 ns = 1250 ns (according to the Standard-mode I2C-bus specification)
before the SCL line is released.
4: As a transmitter, the device provides internal minimum delay time tHD:DAT MIN to bridge the undefined
region (min. 300 ns) of the falling edge of SCL tF MAX to avoid unintended generation of Start or Stop
conditions.
5: For VDD ranges of 1.8V to the temperature sensor VPOR_TS, the temperature sensor becomes partially
biased and consumes 100 µA (typical) until the sensor POR resets and acknowledges a shutdown com-
mand.
6: As a receiver, SDA should not be sampled at the falling edge of SCL. SDA can transition tHD:DI 0ns after
SCL toggles Low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com