Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP98243-BE/MC Datasheet(PDF) 41 Page - Microchip Technology

Part # MCP98243-BE/MC
Description  Memory Module Temperature Sensor w/ EEPROM for SPD
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98243-BE/MC Datasheet(HTML) 41 Page - Microchip Technology

Back Button MCP98243-BE/MC Datasheet HTML 37Page - Microchip Technology MCP98243-BE/MC Datasheet HTML 38Page - Microchip Technology MCP98243-BE/MC Datasheet HTML 39Page - Microchip Technology MCP98243-BE/MC Datasheet HTML 40Page - Microchip Technology MCP98243-BE/MC Datasheet HTML 41Page - Microchip Technology MCP98243-BE/MC Datasheet HTML 42Page - Microchip Technology MCP98243-BE/MC Datasheet HTML 43Page - Microchip Technology MCP98243-BE/MC Datasheet HTML 44Page - Microchip Technology MCP98243-BE/MC Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 62 page
background image
© 2009 Microchip Technology Inc.
DS22153B-page 41
MCP98243
5.3.4.2
Random Read
Random read operations allow the master to access
any memory location in a random manner. To perform
this type of read operation, the word address must first
be set. This is done by sending the word address to the
MCP98243 as part of a write operation. Once the word
address is sent, the master generates a start condition
following the acknowledge. This terminates the write
operation, but not before the internal address pointer is
set. The master then issues the Address Byte again,
but with the R/W bit set to a ‘1’. The MCP98243 then
issues an acknowledge and transmits the 8-bit data
word. The master will not acknowledge the transfer but
does generate a stop condition and the MCP98243
discontinues transmission (Figure 5-20).
FIGURE 5-20:
Timing Diagram for Random Read (See Section 4.0 “Serial Communication”).
SDA
A
C
K
10
1
0
A
Word Address (n)
00
0
0
A
C
K
S
2
A
1
A
0
12
3
4
5
6
7
8
1
2
3
4
5
678
SCL
0
Address Byte
MCP98243
MCP98243
W
00
0
10
1
0
A
A
C
K
N
A
K
S
P
2
A
1
A
0
12
3
4
5
6
7
8
1
2
3
4
567
8
Address Byte
Data at (n)
R
MCP98243
Master
SDA
SCL
XX
X
X
X
XX
X
Note:
In this example, ‘n’ is the current Address Word which ‘00’h and the data is the byte at address ‘n’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com