Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP98243T-BE/ST Datasheet(PDF) 38 Page - Microchip Technology

Part # MCP98243T-BE/ST
Description  Memory Module Temperature Sensor w/ EEPROM for SPD
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98243T-BE/ST Datasheet(HTML) 38 Page - Microchip Technology

Back Button MCP98243T-BE/ST Datasheet HTML 34Page - Microchip Technology MCP98243T-BE/ST Datasheet HTML 35Page - Microchip Technology MCP98243T-BE/ST Datasheet HTML 36Page - Microchip Technology MCP98243T-BE/ST Datasheet HTML 37Page - Microchip Technology MCP98243T-BE/ST Datasheet HTML 38Page - Microchip Technology MCP98243T-BE/ST Datasheet HTML 39Page - Microchip Technology MCP98243T-BE/ST Datasheet HTML 40Page - Microchip Technology MCP98243T-BE/ST Datasheet HTML 41Page - Microchip Technology MCP98243T-BE/ST Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 62 page
background image
MCP98243
DS22153B-page 38
© 2009 Microchip Technology Inc.
5.3.3.1
Software Write Protect (SWP)
The SWP feature is invoked by writing to the write-
protect register. This is done by sending an Address
Byte similar to a normal Write command. Figure 5-18
shows the timing diagram. SWP can be cleared using
the CWP command. See Section 5.3.3.2 “Clear Write
Protect (CWP)”
The Slave Address bits need to correspond to the
address pin logic configuration. For SWP, a high
voltage VHV needs to be applied to the A0 pin and the
corresponding slave address needs to be set to ‘1’, as
shown in Table 5-3. Both A2 and A1 pins are grounded
and the corresponding slave address bits are set to ‘0’.
The device response in this mode is shown in Table 5-
4 and Table 5-5.
FIGURE 5-16:
Timing Diagram for Setting Software Write Protect (See Section 4.0 “Serial
Communication”).
5.3.3.2
Clear Write Protect (CWP)
The CWP feature is invoked by writing to the clear
write-protect register. This is done by sending an
Address Byte similar to a normal Write command.
Figure 5-18 shows the timing diagram. CWP clears
SWP only. PWP can not be cleared using this
command.
The Slave Address bits need to correspond to the
address pin logic configuration. For CWP, a high
voltage VHV needs to be applied to the A0 pin and the
corresponding slave address needs to be set to ‘1’.
The A1 pin is set to VDD and the corresponding slave
address bit is set to ‘1’. And A2 pins is set to ground
and the corresponding slave address bits are set to ‘0’.
Table 5-3 shows the bit configuration. The device
response in this mode is shown in Table 5-4 and
Table 5-5.
FIGURE 5-17:
Timing Diagram for Setting Clear Write Protect (See Section 4.0 “Serial
Communication”).
SDA
A
C
K
01
1
0
A
C
K
S
12
3
4
5
6
7
8
1
2
345
6
7
8
SCL
Address Byte
W
MCP98243
MCP98243
A
C
K
P
1
2
3
4
567
8
Data
Word Address
MCP98243
XX
X
X
X
XX
X
X
X
X
X
X
XX
X
00
1
Note:
Apply VHV at A0 pin and connect GND to A1 and A2 pins to initiate SWP cycle.
SDA
A
C
K
01
1
0
A
C
K
S
12
3
4
5
6
7
8
1
2
345
6
7
8
SCL
Address Byte
W
MCP98243
MCP98243
A
C
K
P
1
2
3
4
567
8
Data
Word Address
MCP98243
XX
X
X
X
XX
X
X
X
X
X
X
XX
X
01
1
Note:
Apply VHV at A0 pin, apply VDD at A1 pin, connect A2 pin to GND to initiate CWP cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com