Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4162T-103I/MF Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP4162T-103I/MF
Description  7/8-Bit Single/Dual SPI Digital POT with Non-Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4162T-103I/MF Datasheet(HTML) 4 Page - Microchip Technology

  MCP4162T-103I/MF Datasheet HTML 1Page - Microchip Technology MCP4162T-103I/MF Datasheet HTML 2Page - Microchip Technology MCP4162T-103I/MF Datasheet HTML 3Page - Microchip Technology MCP4162T-103I/MF Datasheet HTML 4Page - Microchip Technology MCP4162T-103I/MF Datasheet HTML 5Page - Microchip Technology MCP4162T-103I/MF Datasheet HTML 6Page - Microchip Technology MCP4162T-103I/MF Datasheet HTML 7Page - Microchip Technology MCP4162T-103I/MF Datasheet HTML 8Page - Microchip Technology MCP4162T-103I/MF Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 88 page
background image
MCP414X/416X/424X/426X
DS22059B-page 4
© 2008 Microchip Technology Inc.
AC/DC CHARACTERISTICS
DC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
–40°C
≤ TA ≤ +125°C (extended)
All parameters apply across the specified operating ranges unless noted.
VDD = +2.7V to 5.5V, 5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ devices.
Typical specifications represent values for VDD = 5.5V, TA = +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Supply Voltage
VDD
2.7
—
5.5
V
1.8
—
2.7
V
Serial Interface only.
CS, SDI, SDO,
SCK, WP, SHDN
pin Voltage Range
VHV
VSS
—
12.5V
V
VDD ≥
4.5V
The CS pin will be at one
of three input levels
(VIL, VIH or VIHH). (Note 6)
VSS
—VDD +
8.0V
VVDD <
4.5V
VDD Start Voltage
to ensure Wiper
Reset
VBOR
—
—
1.65
V
RAM retention voltage (VRAM) < VBOR
VDD Rise Rate to
ensure Power-on
Reset
VDDRR
(Note 9)V/ms
Delay after device
exits the reset
state
(VDD > VBOR)
TBORD
—10
20
µs
Supply Current
(Note 10)
IDD
—
—
450
µA
Serial Interface Active,
VDD = 5.5V, CS = VIL, SCK @ 5 MHz,
write all 0’s to volatile Wiper 0 (address
0h)
—
—
1
mA
EE Write Current,
VDD = 5.5V, CS = VIL, SCK @ 5 MHz,
write all 0’s to non-volatile Wiper 0
(address 2h)
—
2.5
5
µA
Serial Interface Inactive,
CS = VIH, VDD = 5.5V
—
0.55
1
mA
Serial Interface Active,
VDD = 5.5V, CS = VIHH,
SCK @ 5 MHz,
decrement non-volatile Wiper 0
(address 2h)
Note 1:
Resistance is defined as the resistance between terminal A to terminal B.
2:
INL and DNL are measured at VW with VA = VDD and VB = VSS.
3:
MCP4XX1
only.
4:
MCP4XX2
only, includes VWZSE and VWFSE.
5:
Resistor terminals A, W and B’s polarity with respect to each other is not restricted.
6:
This specification by design.
7:
Non-linearity is affected by wiper resistance (RW), which changes significantly over voltage and
temperature.
8:
The MCP4XX1 is externally connected to match the configurations of the MCP41X2 and MCP42X2, and
then tested.
9:
POR/BOR is not rate dependent.
10:
Supply current is independent of current through the resistor network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com