Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24AA64F Datasheet(PDF) 19 Page - Microchip Technology

Part # 24AA64F
Description  64K I2C??Serial EEPROM with Quarter-Array Write-Protect
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA64F Datasheet(HTML) 19 Page - Microchip Technology

Back Button 24AA64F Datasheet HTML 15Page - Microchip Technology 24AA64F Datasheet HTML 16Page - Microchip Technology 24AA64F Datasheet HTML 17Page - Microchip Technology 24AA64F Datasheet HTML 18Page - Microchip Technology 24AA64F Datasheet HTML 19Page - Microchip Technology 24AA64F Datasheet HTML 20Page - Microchip Technology 24AA64F Datasheet HTML 21Page - Microchip Technology 24AA64F Datasheet HTML 22Page - Microchip Technology 24AA64F Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
© 2009 Microchip Technology Inc.
DS22154A-page 19
24AA64F/24LC64F
/HDG3ODVWLF 7KLQ 6KULQN 6PDOO 2XWOLQH 67 ±
PP%RG\ >76623@
1RWHV
3LQ YLVXDO LQGH[ IHDWXUH PD\ YDU\ EXW PXVW EH ORFDWHG ZLWKLQ WKH KDWFKHG DUHD
'LPHQVLRQV ' DQG ( GR QRW LQFOXGH PROG IODVK RU SURWUXVLRQV 0ROG IODVK RU SURWUXVLRQV VKDOO QRW H[FHHG
PP SHU VLGH
'LPHQVLRQLQJ DQG WROHUDQFLQJ SHU $60( <
0
%6& %DVLF 'LPHQVLRQ 7KHRUHWLFDOO\ H[DFW YDOXH VKRZQ ZLWKRXW WROHUDQFHV
5() 5HIHUHQFH 'LPHQVLRQ XVXDOO\ ZLWKRXW WROHUDQFH IRU LQIRUPDWLRQ SXUSRVHV RQO\
1RWH
)RU WKH PRVW FXUUHQW SDFNDJH GUDZLQJV SOHDVHVHH WKH 0LFURFKLS 3DFNDJLQJ 6SHFLILFDWLRQ ORFDWHG DW
KWWSZZZ PLFURFKLSFRP SDFNDJLQJ
8QLWV
0,//,0(7(56
'LPHQVLRQ /LPLWV
0,1
120
0$;
1XPEHU RI 3LQV
1
3LWFK
H
%6&
2YHUDOO +HLJKW
$
±
±
0ROGHG 3DFNDJH 7KLFNQHVV
$
6WDQGRII
$
±
2YHUDOO :LGWK
(
%6&
0ROGHG 3DFNDJH :LGWK
(
0ROGHG 3DFNDJH /HQJWK
'
)RRW /HQJWK
/
)RRWSULQW
/
5()
)RRW $QJOH
I
ƒ
±
ƒ
/HDG 7KLFNQHVV
F
±
/HDG :LGWK
E
±
D
N
E
E1
NOTE 1
12
b
e
c
A
A1
A2
L1
L
φ
0LFURFKLS 7HFKQRORJ\ 'UDZLQJ &
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com