Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25AA080DT-I/MS Datasheet(PDF) 15 Page - Microchip Technology

Part # 25AA080DT-I/MS
Description  8K SPI Bus Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA080DT-I/MS Datasheet(HTML) 15 Page - Microchip Technology

Back Button 25AA080DT-I/MS Datasheet HTML 11Page - Microchip Technology 25AA080DT-I/MS Datasheet HTML 12Page - Microchip Technology 25AA080DT-I/MS Datasheet HTML 13Page - Microchip Technology 25AA080DT-I/MS Datasheet HTML 14Page - Microchip Technology 25AA080DT-I/MS Datasheet HTML 15Page - Microchip Technology 25AA080DT-I/MS Datasheet HTML 16Page - Microchip Technology 25AA080DT-I/MS Datasheet HTML 17Page - Microchip Technology 25AA080DT-I/MS Datasheet HTML 18Page - Microchip Technology 25AA080DT-I/MS Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
© 2009 Microchip Technology Inc.
DS22151A-page 15
25XX080C/D
Part Number
1st Line Marking Codes
TSSOP
MSOP
TDFN
I Temp.
E Temp.
25AA080C
5A8C
5A8CT
C31
—
25AA080D
5A8D
5A8DT
C41
—
25LC080C
5L8C
5L8CT
C34
C35
25LC080D
5L8D
5L8DT
C44
C45
Note:
T = Temperature grade (I, E)
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com