Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25AA160D-E/P Datasheet(PDF) 27 Page - Microchip Technology

Part # 25AA160D-E/P
Description  16K SPI Bus Serial EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA160D-E/P Datasheet(HTML) 27 Page - Microchip Technology

Back Button 25AA160D-E/P Datasheet HTML 22Page - Microchip Technology 25AA160D-E/P Datasheet HTML 23Page - Microchip Technology 25AA160D-E/P Datasheet HTML 24Page - Microchip Technology 25AA160D-E/P Datasheet HTML 25Page - Microchip Technology 25AA160D-E/P Datasheet HTML 26Page - Microchip Technology 25AA160D-E/P Datasheet HTML 27Page - Microchip Technology 25AA160D-E/P Datasheet HTML 28Page - Microchip Technology 25AA160D-E/P Datasheet HTML 29Page - Microchip Technology 25AA160D-E/P Datasheet HTML 30Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
© 2009 Microchip Technology Inc.
DS22150A-page 27
25XX160C/D
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Tape & Reel
Device
Device:
25AA160C
25AA160D
25LC160C
25LC160D
16 Kbit, 1.8V, 16 Byte Page SPI Serial EEPROM
16 Kbit, 1.8V, 32 Byte Page SPI Serial EEPROM
16 Kbit, 2.5V, 16 Byte Page SPI Serial EEPROM
16 Kbit, 2.5V, 32 Byte Page SPI Serial EEPROM
Tape & Reel:
Blank
=
T=
Standard packaging
Tape & Reel
Temperature
Range:
I=
E=
-40
°C to+85°C
-40
°C to+125°C
Package:
MS
=
P=
SN
=
ST
=
MNY(1) =
Plastic MSOP (Micro Small Outline), 8-lead
Plastic DIP (300 mil body), 8-lead
Plastic SOIC (3.90 mm body), 8-lead
TSSOP, 8-lead
8-lead 2x3 mm TDFN
Examples:
a)
25AA160C-I/MS = 16 Kbit, 16-byte page, 1.8V
Serial EEPROM, Industrial temp., MSOP
package
b)
25AA160CT-I/SN = 16 Kbit, 16-byte page, 1.8V
Serial EEPROM, Industrial temp., Tape & Reel,
SOIC package
c)
25LC160DT-I/SN = 16 Kbit, 32-byte page, 2.5V
Serial EEPROM, Industrial temp., Tape & Reel,
SOIC package
d)
25LC160DT-I/ST = 16 Kbit, 32-byte page, 2.5V
Serial EEPROM, Industrial temp., Tape & Reel,
TSSOP package
–
Note
1:
“Y” indicates a Nickel Palladium Gold (NiPdAu) finish.
X
Temp Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com