Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4152T-103E/MF Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP4152T-103E/MF
Description  7/8-Bit Single/Dual SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4152T-103E/MF Datasheet(HTML) 5 Page - Microchip Technology

  MCP4152T-103E/MF Datasheet HTML 1Page - Microchip Technology MCP4152T-103E/MF Datasheet HTML 2Page - Microchip Technology MCP4152T-103E/MF Datasheet HTML 3Page - Microchip Technology MCP4152T-103E/MF Datasheet HTML 4Page - Microchip Technology MCP4152T-103E/MF Datasheet HTML 5Page - Microchip Technology MCP4152T-103E/MF Datasheet HTML 6Page - Microchip Technology MCP4152T-103E/MF Datasheet HTML 7Page - Microchip Technology MCP4152T-103E/MF Datasheet HTML 8Page - Microchip Technology MCP4152T-103E/MF Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22060B-page 5
MCP413X/415X/423X/425X
Resistance
(± 20%)
RAB
4.0
5
6.0
kΩ
-502 devices (Note 1)
8.0
10
12.0
kΩ
-103 devices (Note 1)
40.0
50
60.0
kΩ
-503 devices (Note 1)
80.0
100
120.0
kΩ
-104 devices (Note 1)
Resolution
N
257
Taps
8-bit
No Missing Codes
129
Taps
7-bit
No Missing Codes
Step Resistance
RS
—RAB /
(256)
—
Ω
8-bit
Note 6
—RAB /
(128)
—
Ω
7-bit
Note 6
Nominal
Resistance Match
|RAB0 - RAB1|
/ RAB
—
0.2
1.25
%
MCP42X1 devices only
|RBW0 - RBW1|
/ RBW
—0.25
1.5
%
MCP42X2 devices only,
Code = Full-Scale
Wiper Resistance
(Note 3, Note 4)
RW
—
75
160
Ω
VDD = 5.5 V, IW = 2.0 mA, code = 00h
—
75
300
Ω
VDD = 2.7 V, IW = 2.0 mA, code = 00h
Nominal
Resistance
Tempco
ΔRAB/ΔT
—
50
—
ppm/°C TA = -20°C to +70°C
—
100
—
ppm/°C TA = -40°C to +85°C
—
150
—
ppm/°C TA = -40°C to +125°C
Ratiometeric
Tempco
ΔVWB/ΔT
—
15
—
ppm/°C Code = Midscale (80h or 40h)
Resistor Terminal
Input Voltage
Range (Terminals
A, B and W)
VA,VW,VB
VSS
—VDD
V
Note 5, Note 6
Maximum current
through A, W or B
IW
——
2.5
mA
Note 6, Worst case current through
wiper when wiper is either Full-Scale or
Zero Scale.
Leakage current
into A, W or B
IWL
—100
—
nA
MCP4XX1 PxA = PxW = PxB = VSS
—100
—
nA
MCP4XX2 PxB = PxW = VSS
AC/DC CHARACTERISTICS (CONTINUED)
DC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
–40°C
≤ TA ≤ +125°C (extended)
All parameters apply across the specified operating ranges unless noted.
VDD = +2.7V to 5.5V, 5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ devices.
Typical specifications represent values for VDD = 5.5V, TA = +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1: Resistance is defined as the resistance between terminal A to terminal B.
2: INL and DNL are measured at VW with VA = VDD and VB = VSS.
3: MCP4XX1 only.
4: MCP4XX2 only, includes VWZSE and VWFSE.
5: Resistor terminals A, W and B’s polarity with respect to each other is not restricted.
6: This specification by design.
7: Non-linearity is affected by wiper resistance (RW), which changes significantly over voltage and
temperature.
8: The MCP4XX1 is externally connected to match the configurations of the MCP41X2 and MCP42X2, and
then tested.
9: POR/BOR is not rate dependent.
10: Supply current is independent of current through the resistor network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com