Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4152T-503E/MF Datasheet(PDF) 36 Page - Microchip Technology

Part # MCP4152T-503E/MF
Description  7/8-Bit Single/Dual SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4152T-503E/MF Datasheet(HTML) 36 Page - Microchip Technology

Back Button MCP4152T-503E/MF Datasheet HTML 32Page - Microchip Technology MCP4152T-503E/MF Datasheet HTML 33Page - Microchip Technology MCP4152T-503E/MF Datasheet HTML 34Page - Microchip Technology MCP4152T-503E/MF Datasheet HTML 35Page - Microchip Technology MCP4152T-503E/MF Datasheet HTML 36Page - Microchip Technology MCP4152T-503E/MF Datasheet HTML 37Page - Microchip Technology MCP4152T-503E/MF Datasheet HTML 38Page - Microchip Technology MCP4152T-503E/MF Datasheet HTML 39Page - Microchip Technology MCP4152T-503E/MF Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 88 page
background image
MCP413X/415X/423X/425X
DS22060B-page 36
© 2008 Microchip Technology Inc.
REGISTER 4-2:
TCON BITS (1, 2)
R-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
D8
R1HW
R1A
R1W
R1B
R0HW
R0A
R0W
R0B
bit 8
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 8
D8: Reserved. Forced to “1”
bit 7
R1HW: Resistor 1 Hardware Configuration Control bit
This bit forces Resistor 1 into the “shutdown” configuration of the Hardware pin
1
= Resistor 1 is NOT forced to the hardware pin “shutdown” configuration
0
= Resistor 1 is forced to the hardware pin “shutdown” configuration
bit 6
R1A: Resistor 1 Terminal A (P1A pin) Connect Control bit
This bit connects/disconnects the Resistor 1 Terminal A to the Resistor 1 Network
1
= P1A pin is connected to the Resistor 1 Network
0
= P1A pin is disconnected from the Resistor 1 Network
bit 5
R1W: Resistor 1 Wiper (P1W pin) Connect Control bit
This bit connects/disconnects the Resistor 1 Wiper to the Resistor 1 Network
1
= P1W pin is connected to the Resistor 1 Network
0
= P1W pin is disconnected from the Resistor 1 Network
bit 4
R1B: Resistor 1 Terminal B (P1B pin) Connect Control bit
This bit connects/disconnects the Resistor 1 Terminal B to the Resistor 1 Network
1
= P1B pin is connected to the Resistor 1 Network
0
= P1B pin is disconnected from the Resistor 1 Network
bit 3
R0HW: Resistor 0 Hardware Configuration Control bit
This bit forces Resistor 0 into the “shutdown” configuration of the Hardware pin
1
= Resistor 0 is NOT forced to the hardware pin “shutdown” configuration
0
= Resistor 0 is forced to the hardware pin “shutdown” configuration
bit 2
R0A: Resistor 0 Terminal A (P0A pin) Connect Control bit
This bit connects/disconnects the Resistor 0 Terminal A to the Resistor 0 Network
1
= P0A pin is connected to the Resistor 0 Network
0
= P0A pin is disconnected from the Resistor 0 Network
bit 1
R0W: Resistor 0 Wiper (P0W pin) Connect Control bit
This bit connects/disconnects the Resistor 0 Wiper to the Resistor 0 Network
1
= P0W pin is connected to the Resistor 0 Network
0
= P0W pin is disconnected from the Resistor 0 Network
bit 0
R0B: Resistor 0 Terminal B (P0B pin) Connect Control bit
This bit connects/disconnects the Resistor 0 Terminal B to the Resistor 0 Network
1
= P0B pin is connected to the Resistor 0 Network
0
= P0B pin is disconnected from the Resistor 0 Network
Note 1: The hardware SHDN pin (when active) overrides the state of these bits. When the SHDN pin returns to the
inactive state, the TCON register will control the state of the terminals. The SHDN pin does not modify the
state of the TCON bits.
2: These bits do not affect the wiper register values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com