Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25AA080DT-E/P Datasheet(PDF) 1 Page - Microchip Technology

Part # 25AA080DT-E/P
Description  8K SPI Bus Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA080DT-E/P Datasheet(HTML) 1 Page - Microchip Technology

  25AA080DT-E/P Datasheet HTML 1Page - Microchip Technology 25AA080DT-E/P Datasheet HTML 2Page - Microchip Technology 25AA080DT-E/P Datasheet HTML 3Page - Microchip Technology 25AA080DT-E/P Datasheet HTML 4Page - Microchip Technology 25AA080DT-E/P Datasheet HTML 5Page - Microchip Technology 25AA080DT-E/P Datasheet HTML 6Page - Microchip Technology 25AA080DT-E/P Datasheet HTML 7Page - Microchip Technology 25AA080DT-E/P Datasheet HTML 8Page - Microchip Technology 25AA080DT-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
© 2009 Microchip Technology Inc.
DS22151A-page 1
25AA080C/D, 25LC080C/D
Device Selection Table
Features
• Max. Clock 10 MHz
• Low-Power CMOS Technology:
- Max. write current: 5 mA at 5.5V
- Read current: 5 mA at 5.5V, 10 MHz
- Standby current: 5
μA at 5.5V
• 1024 x 8-bit Organization
• 16 Byte Page (‘C’ version devices)
• 32 Byte Page (‘D’ version devices)
• Self-Timed Erase and Write Cycles (5 ms max.)
• Block Write Protection:
- Protect none, 1/4, 1/2 or all of array
• Built-In Write Protection:
- Power-on/off data protection circuitry
- Write enable latch
- Write-protect pin
• Sequential Read
• High Reliability:
- Endurance: > 1M erase/write cycles
- Data retention: > 200 years
- ESD protection: > 4000V
• Pb-Free and RoHS Compliant
• Temperature Ranges Supported:
Description
The
Microchip
Technology
Inc.
25AA080C/D,
25LC080C/D
(25XX080C/D*)
are
8
Kbit
Serial
Electrically Erasable PROMs. The memory is accessed
via
a
simple
Serial
Peripheral
Interface
(SPI)
compatible serial bus. The bus signals required are a
clock input (SCK) plus separate data in (SI) and data
out (SO) lines. Access to the device is controlled
through a Chip Select (CS) input.
Communication to the device can be paused via the
hold pin (HOLD). While the device is paused, transi-
tions on its inputs will be ignored, with the exception of
Chip Select, allowing the host to service higher priority
interrupts.
The 25XX080C/D is available in standard packages
including 8-lead PDIP and SOIC, and advanced
packaging including 8-lead MSOP, TSSOP, and 2x3
TDFN. All packages are Pb-free and RoHS compliant.
Package Types (not to scale)
Part Number
VCC Range
Page Size
Temp. Ranges
Packages
25LC080C
2.5-5.5V
16 Byte
I, E
P, SN, ST, MS, MN
25AA080C
1.8-5.5V
16 Byte
I
P, SN, ST, MS, MN
25LC080D
2.5-5.5V
32 Byte
I, E
P, SN, ST, MS, MN
25AA080D
1.8-5.5V
32 Byte
I
P, SN, ST, MS, MN
- Industrial (I):
-40
°Cto +85°C
- Automotive (E):
-40°C to +125°C
CS
SO
WP
VSS
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI
PDIP/SOIC
(P, SN)
TSSOP/MSOP
CS
SO
WP
VSS
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI
(ST, MS)
TDFN
CS
SO
WP
VSS
HOLD
SCK
SI
5
6
7
8
4
3
2
1
VCC
(MN)
8K SPI Bus Serial EEPROM
*25XX080C/D is used in this document as a generic part
number for the 25AA080C/D, 25LC080C/D.


Similar Part No. - 25AA080DT-E/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA080D MICROCHIP-25AA080D Datasheet
846Kb / 34P
8K SPI Bus Serial EEPROM
11/27/12
More results

Similar Description - 25AA080DT-E/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA080 MICROCHIP-25AA080 Datasheet
92Kb / 12P
8K/16K 1.8V SPI Bus Serial EEPROM
1996
25C080 MICROCHIP-25C080 Datasheet
85Kb / 12P
8K/16K 5.0V SPI Bus Serial EEPROM
1996
25AA080A MICROCHIP-25AA080A Datasheet
523Kb / 24P
8K SPI Bus Serial EEPROM
2003
25AA080 MICROCHIP-25AA080_04 Datasheet
291Kb / 22P
8K SPI TM Bus Serial EEPROM
2004
25AA080A MICROCHIP-25AA080A_07 Datasheet
423Kb / 26P
8K SPI Bus Serial EEPROM
2007
25LC080P MICROCHIP-25LC080P Datasheet
322Kb / 22P
8K SPI Bus Serial EEPROM
1997-2012
25LC080SN MICROCHIP-25LC080SN Datasheet
322Kb / 22P
8K SPI Bus Serial EEPROM
1997-2012
25AA080 MICROCHIP-25AA080_13 Datasheet
322Kb / 22P
8K SPI Bus Serial EEPROM
10/26/12
25AA080C MICROCHIP-25AA080C_12 Datasheet
846Kb / 34P
8K SPI Bus Serial EEPROM
11/27/12
25C080T-E MICROCHIP-25C080T-E Datasheet
210Kb / 22P
8K SPI Bus Serial EEPROM
05/28/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com