Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25AA080D-E/P Datasheet(PDF) 12 Page - Microchip Technology

Part # 25AA080D-E/P
Description  8K SPI Bus Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA080D-E/P Datasheet(HTML) 12 Page - Microchip Technology

Back Button 25AA080D-E/P Datasheet HTML 8Page - Microchip Technology 25AA080D-E/P Datasheet HTML 9Page - Microchip Technology 25AA080D-E/P Datasheet HTML 10Page - Microchip Technology 25AA080D-E/P Datasheet HTML 11Page - Microchip Technology 25AA080D-E/P Datasheet HTML 12Page - Microchip Technology 25AA080D-E/P Datasheet HTML 13Page - Microchip Technology 25AA080D-E/P Datasheet HTML 14Page - Microchip Technology 25AA080D-E/P Datasheet HTML 15Page - Microchip Technology 25AA080D-E/P Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
25XX080C/D
DS22151A-page 12
© 2009 Microchip Technology Inc.
2.7
Data Protection
The following protection has been implemented to
prevent inadvertent writes to the array:
• The write enable latch is reset on power-up
• A write enable instruction must be issued to set
the write enable latch
• After a byte write, page write or STATUS register
write, the write enable latch is reset
•CS must be set high after the proper number of
clock cycles to start an internal write cycle
• Access to the array during an internal write cycle
is ignored and programming is continued
2.8
Power-On State
The 25XX080C/D powers on in the following state:
• The device is in low-power Standby mode
(CS = 1)
• The write enable latch is reset
• SO is in high-impedance state
• A high-to-low-level transition on CS is required to
enter active state
TABLE 2-4:
WRITE-PROTECT FUNCTIONALITY MATRIX
WEL
(SR bit 1)
WPEN
(SR bit 7)
WP
(pin 3)
Protected Blocks
Unprotected Blocks
STATUS Register
0xx
Protected
Protected
Protected
10x
Protected
Writable
Writable
1
1
0
(low)
Protected
Writable
Protected
1
1
1
(high)
Protected
Writable
Writable
x
= don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com