Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4152T-103I/ML Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP4152T-103I/ML
Description  7/8-Bit Single/Dual SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4152T-103I/ML Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP4152T-103I/ML Datasheet HTML 18Page - Microchip Technology MCP4152T-103I/ML Datasheet HTML 19Page - Microchip Technology MCP4152T-103I/ML Datasheet HTML 20Page - Microchip Technology MCP4152T-103I/ML Datasheet HTML 21Page - Microchip Technology MCP4152T-103I/ML Datasheet HTML 22Page - Microchip Technology MCP4152T-103I/ML Datasheet HTML 23Page - Microchip Technology MCP4152T-103I/ML Datasheet HTML 24Page - Microchip Technology MCP4152T-103I/ML Datasheet HTML 25Page - Microchip Technology MCP4152T-103I/ML Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 88 page
background image
MCP413X/415X/423X/425X
DS22060B-page 22
© 2008 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V.
FIGURE 2-30:
50 k
Ω Pot Mode – R
W (Ω),
INL (LSb), DNL (LSb) vs. Wiper Setting and
Ambient Temperature (VDD = 5.5V).
FIGURE 2-31:
50 k
Ω Pot Mode – R
W (Ω),
INL (LSb), DNL (LSb) vs. Wiper Setting and
Ambient Temperature (VDD = 3.0V).
FIGURE 2-32:
50 k
Ω Pot Mode – R
W (Ω),
INL (LSb), DNL (LSb) vs. Wiper Setting and
Ambient Temperature (VDD = 1.8V).
FIGURE 2-33:
50 k
Ω Rheo Mode – R
W (Ω),
INL (LSb), DNL (LSb) vs. Wiper Setting and
Ambient Temperature (VDD = 5.5V).
FIGURE 2-34:
50 k
Ω Rheo Mode – R
W (Ω),
INL (LSb), DNL (LSb) vs. Wiper Setting and
Ambient Temperature (VDD = 3.0V).
FIGURE 2-35:
50 k
Ω Rheo Mode – R
W (Ω),
INL (LSb), DNL (LSb) vs. Wiper Setting and
Ambient Temperature (VDD = 1.8V).
20
40
60
80
100
120
0
32
64
96 128 160 192 224 256
Wiper Setting (decimal)
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
-40C Rw
25C Rw
85C Rw
125C Rw
-40C INL
25C INL
85C INL
125C INL
-40C DNL
25C DNL
85C DNL
125C DNL
INL
DNL
RW
-40°C
25°C
85°C
125°C
20
60
100
140
180
220
260
300
0
32
64
96 128 160 192 224 256
Wiper Setting (decimal)
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
-40C Rw
25C Rw
85C Rw
125C Rw
-40C INL
25C INL
85C INL
125C INL
-40C DNL
25C DNL
85C DNL
125C DNL
INL
DNL
RW
-40°C
25°C
85°C
125°C
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
11000
12000
13000
14000
15000
064
128
192
256
Wiper Setting (decimal)
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-40C Rw
25C Rw
85C Rw
125C Rw
-40C INL
25C INL
85C INL
125C INL
-40C DNL
25C DNL
85C DNL
125C DNL
INL
DNL
RW
Note:
Refer to AN1080 for additional informa-
tion on the characteristics of the wiper
resistance (RW) with respect to device
voltage and wiper setting value.
20
40
60
80
100
120
0
32
64
96 128 160 192 224 256
Wiper Setting (decimal)
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
-40C Rw
25C Rw
85C Rw
125C Rw
-40C INL
25C INL
85C INL
125C INL
-40C DNL
25C DNL
85C DNL
125C DNL
INL
DNL
RW
-40°C
25°C
85°C
125°C
20
60
100
140
180
220
260
300
0
32
64
96 128 160 192 224 256
Wiper Setting (decimal)
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
-40C Rw
25C Rw
85C Rw
125C Rw
-40C INL
25C INL
85C INL
125C INL
-40C DNL
25C DNL
85C DNL
125C DNL
INL
DNL
RW
-40°C
25°C
85°C
125°C
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
11000
12000
13000
14000
15000
0 25 50 75 100 125 150 175 200 225 250
Wiper Setting (decimal)
-1.5
3.5
8.5
13.5
18.5
23.5
28.5
33.5
38.5
43.5
48.5
53.5
58.5
63.5
68.5
73.5
78.5
-40C Rw
25C Rw
85C Rw
125C Rw
-40C INL
25C INL
85C INL
125C INL
-40C DNL
25C DNL
85C DNL
125C DNL
INL
DNL
RW
Note:
Refer to AN1080 for additional informa-
tion on the characteristics of the wiper
resistance (RW) with respect to device
voltage and wiper setting value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com