Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25LC160DT-E/MS Datasheet(PDF) 15 Page - Microchip Technology

Part # 25LC160DT-E/MS
Description  16K SPI Bus Serial EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC160DT-E/MS Datasheet(HTML) 15 Page - Microchip Technology

Back Button 25LC160DT-E/MS Datasheet HTML 11Page - Microchip Technology 25LC160DT-E/MS Datasheet HTML 12Page - Microchip Technology 25LC160DT-E/MS Datasheet HTML 13Page - Microchip Technology 25LC160DT-E/MS Datasheet HTML 14Page - Microchip Technology 25LC160DT-E/MS Datasheet HTML 15Page - Microchip Technology 25LC160DT-E/MS Datasheet HTML 16Page - Microchip Technology 25LC160DT-E/MS Datasheet HTML 17Page - Microchip Technology 25LC160DT-E/MS Datasheet HTML 18Page - Microchip Technology 25LC160DT-E/MS Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
© 2009 Microchip Technology Inc.
DS22150A-page 15
25XX160C/D
Part Number
1st Line Marking Codes
TSSOP
MSOP
TDFN
I Temp.
E Temp.
25AA160C
5AAC
5AACT
C51
—
25AA160D
5AAD
5AADT
C61
—
25LC160C
5LAC
5LACT
C54
C55
25LC160D
5LAD
5LADT
C64
C65
Note:
T = Temperature grade (I, E)
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com