Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4661-103E/ML Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP4661-103E/ML
Description  7/8-Bit Single/Dual I2C Digital POT with Non-Volatile Memory
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4661-103E/ML Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP4661-103E/ML Datasheet HTML 10Page - Microchip Technology MCP4661-103E/ML Datasheet HTML 11Page - Microchip Technology MCP4661-103E/ML Datasheet HTML 12Page - Microchip Technology MCP4661-103E/ML Datasheet HTML 13Page - Microchip Technology MCP4661-103E/ML Datasheet HTML 14Page - Microchip Technology MCP4661-103E/ML Datasheet HTML 15Page - Microchip Technology MCP4661-103E/ML Datasheet HTML 16Page - Microchip Technology MCP4661-103E/ML Datasheet HTML 17Page - Microchip Technology MCP4661-103E/ML Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 92 page
background image
MCP454X/456X/464X/466X
DS22107A-page 14
© 2008 Microchip Technology Inc.
FIGURE 1-2:
I2C Bus Data Timing.
90
91
92
100
101
103
106
107
109
109
110
102
SCL
SDA
In
SDA
Out
TABLE 1-2:
I2C BUS DATA REQUIREMENTS (SLAVE MODE)
I2C AC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
–40
°C ≤ TA ≤ +125°C (Extended)
Operating Voltage VDD range is described in AC/DC characteristics
Param.
No.
Sym
Characteristic
Min
Max
Units
Conditions
100
THIGH
Clock high time
100 kHz mode
4000
—
ns
1.8V-5.5V
400 kHz mode
600
—
ns
2.7V-5.5V
1.7 MHz mode
120
ns
4.5V-5.5V
3.4 MHz mode
60
—
ns
4.5V-5.5V
101
TLOW
Clock low time
100 kHz mode
4700
—
ns
1.8V-5.5V
400 kHz mode
1300
—
ns
2.7V-5.5V
1.7 MHz mode
320
ns
4.5V-5.5V
3.4 MHz mode
160
—
ns
4.5V-5.5V
Note 1:
As a transmitter, the device must provide this internal minimum delay time to bridge the undefined region
(minimum 300 ns) of the falling edge of SCL to avoid unintended generation of START or STOP conditions.
2:
A fast-mode (400 kHz) I2C-bus device can be used in a standard-mode (100 kHz) I2C-bus system, but the
requirement tSU;DAT ≥ 250 ns must then be met. This will automatically be the case if the device does not
stretch the LOW period of the SCL signal. If such a device does stretch the LOW period of the SCL signal,
it must output the next data bit to the SDA line
TR max.+tSU;DAT = 1000 + 250 = 1250 ns (according to the standard-mode I
2C bus specification) before
the SCL line is released.
3:
The MCP46X1/MCP46X2 device must provide a data hold time to bridge the undefined part between VIH
and VIL of the falling edge of the SCL signal. This specification is not a part of the I
2C specification, but
must be tested in order to ensure that the output data will meet the setup and hold specifications for the
receiving device.
4:
Use Cb in pF for the calculations.
5:
Not Tested
6:
A Master Transmitter must provide a delay to ensure that difference between SDA and SCL fall times do
not unintentionally create a Start or Stop condition.
7:
Ensured by the TAA 3.4 MHz specification test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com