Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RE46C129 Datasheet(PDF) 3 Page - Microchip Technology

Part # RE46C129
Description  CMOS Ionization Smoke Detector ASIC with Interconnect
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C129 Datasheet(HTML) 3 Page - Microchip Technology

  RE46C129 Datasheet HTML 1Page - Microchip Technology RE46C129 Datasheet HTML 2Page - Microchip Technology RE46C129 Datasheet HTML 3Page - Microchip Technology RE46C129 Datasheet HTML 4Page - Microchip Technology RE46C129 Datasheet HTML 5Page - Microchip Technology RE46C129 Datasheet HTML 6Page - Microchip Technology RE46C129 Datasheet HTML 7Page - Microchip Technology RE46C129 Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RE46C129
CMOS Ionization Smoke Detector ASIC with Interconnect
R&E International
Product Specification
A Subsidiary of Microchip Technology Inc.
© 2009 Microchip Technology Inc.
DS22172A-page 3
AC Electrical Characteristics at TA = 25°C, VDD=9V, OSCAP=.1uF, RBIAS=8.2MΩ, VSS=0V (unless
otherwise noted)
Limits
Parameter
Symbol
Test
Pin
Test Conditions
Min
Typ
Max
Units
TPER1
12
No Alarm Condition
1.34
1.67
2
S
Oscillator Period
TPER2
12
Alarm Condition
37.5
41.5
45.8
mS
Oscillator Pulse Width
TPW
5
Operating
9.4
10.5
12.9
mS
LED On Time
TLON
5
Operating
9.4
10.5
12.9
mS
TLOF1
5
Standby, No Alarm
32
40
48
S
LED Off Time
TLOF2
5
Alarm Condition
.8
1
1.2
S
THON1
10,11
Operating, Alarm Condition
141
166
190
mS
Horn On Time
THON2
10,11
Low Battery, No Alarm
9.4
10.5
12.9
mS
THOF1
10,11
Operating, Alarm Condition
71
83
95
mS
Horn Off Time
THOF3
10,11
Low Battery, No Alarm
32
40
48
S
IO Charge Dump Duration
TIODMP
2
At Conclusion of Local Alarm or Test
1.34
1.67
2.0
S
IO Delay
TIODLY1
2
From Start of Local Alarm to IO Active
3
S
IO Filter
TIOFILT
2
IO pulse width guaranteed to be filtered.
IO as Input, No Local Alarm
450
mS
Remote Alarm Delay
TIODLY2
2
No Local Alarm, IO as input, From IO
active to Horn Active
.450
2.2
S



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com