Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP73114 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP73114
Description  Single-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73114 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP73114 Datasheet HTML 2Page - Microchip Technology MCP73114 Datasheet HTML 3Page - Microchip Technology MCP73114 Datasheet HTML 4Page - Microchip Technology MCP73114 Datasheet HTML 5Page - Microchip Technology MCP73114 Datasheet HTML 6Page - Microchip Technology MCP73114 Datasheet HTML 7Page - Microchip Technology MCP73114 Datasheet HTML 8Page - Microchip Technology MCP73114 Datasheet HTML 9Page - Microchip Technology MCP73114 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
MCP73113/4
DS22183B-page 6
© 2009 Microchip Technology Inc.
Battery Short Protection
BSP Start Threshold
VSHORT
1.6
1.7
1.8
V
BSP Hysteresis
VBSPHYS
-
150
-
mV
BSP Regulation Current
ISHORT
-25
-
mA
Current Regulation (Fast Charge, Constant-Current Mode)
Fast Charge Current
Regulation
IREG
130
—
1100
mA
TA = -5°C to +55°C
117
130
143
mA
PROG = 10 k
Ω
900
1000
1100
mA
PROG = 1.1 k
Ω
Charge Current Tolerance
IRTOL
—10
—
%
Preconditioning Current Regulation (Trickle Charge Constant Current Mode)
Precondition Current Ratio
IPREG / IREG
810
15
%
PROG = 1 k
Ω to 10 kΩ
TA = -5°C to +55°C
—
100
—
%
No Preconditioning
Precondition Voltage
Threshold Ratio
VPTH / VREG
64
66.5
69
%
VBAT Low-to-High
69
71.5
74
%
Precondition Hysteresis
VPHYS
—
100
—
mV
VBAT High-to-Low (Note 1)
Charge Termination
Charge Termination
Current Ratio
ITERM / IREG
3.75
5
6.25
%
PROG = 1 k
Ω to 10 kΩ
TA = -5°C to +55°C
5.6
7.5
9.4
%
7.5
10
12.5
%
15
20
25
%
Automatic Recharge
Recharge Voltage
Threshold Ratio
VRTH / VREG
93
95.0
97
%
VBAT High-to-Low
No Automatic Recharge
—0
—
%
Pass Transistor ON-Resistance
ON-Resistance
RDSON
—
350
—
m
Ω
VDD = 4.5V, TJ = 105°C (Note 1)
Status Indicator - STAT
Sink Current
ISINK
—20
35
mA
Low Output Voltage
VOL
—0.2
0.5
V
ISINK = 4 mA
Input Leakage Current
ILK
—
0.001
1
μA
High Impedance, VDD on pin
PROG Input
Charge Impedance Range
RPROG
1—
21
k
Ω
Shutdown Impedance
RPROG
70
200
—
k
Ω
Impedance for Shutdown
PROG Voltage Range
VPROG
0—
5
V
Automatic Power Down
Automatic Power Down
Entry Threshold
VPDENTRY
VBAT +
10 mV
VBAT +
50 mV
—
V
2.3V < VBAT < VREG
VDD Falling
Automatic Power Down
Exit Threshold
VPDEXIT
—VBAT +
150 mV
VBAT +
250 mV
V2.3V < VBAT < VREG
VDD Rising
Thermal Shutdown
Die Temperature
TSD
—
150
—
°C
Die Temperature
Hysteresis
TSDHYS
—10
—
°C
DC CHARACTERISTICS (Continued)
Electrical Specifications: Unless otherwise indicated, all limits apply for V
DD= [VREG(Typical) + 0.3V] to 6V,
TA = -40°C to +85°C. Typical values are at +25°C, VDD = [VREG (Typical) + 1.0V]
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
Not production tested. Ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com