Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RE46C140 Datasheet(PDF) 1 Page - Microchip Technology

Part # RE46C140
Description  CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C140 Datasheet(HTML) 1 Page - Microchip Technology

  RE46C140 Datasheet HTML 1Page - Microchip Technology RE46C140 Datasheet HTML 2Page - Microchip Technology RE46C140 Datasheet HTML 3Page - Microchip Technology RE46C140 Datasheet HTML 4Page - Microchip Technology RE46C140 Datasheet HTML 5Page - Microchip Technology RE46C140 Datasheet HTML 6Page - Microchip Technology RE46C140 Datasheet HTML 7Page - Microchip Technology RE46C140 Datasheet HTML 8Page - Microchip Technology RE46C140 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
R&E International
A Subsidiary of Microchip Technology Inc.
RE46C140
CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
Product Specification
2009 © Microchip Technology Inc.
DS22179A-page 1
General Description
The RE46C140 is low power CMOS photoelectric type
smoke detector IC. With minimal external components
this circuit will provide all the required features for a
photoelectric type smoke detector.
The design incorporates a gain selectable photo
amplifier for use with an infrared emitter/detector pair.
An internal oscillator strobes power to the smoke
detection circuitry for 100us every 10 seconds to keep
standby current to a minimum. If smoke is sensed the
detection rate is increased to verify an alarm condition.
A high gain mode is available for push button chamber
testing.
A check for a low battery condition and chamber
integrity is performed every 43 seconds when in
standby. The temporal horn pattern supports the NFPA
72 emergency evacuation signal.
An interconnect pin allows multiple detectors to be
connected such that when one units alarms, all units
will sound.
An internal 10 minute timer can be used for a reduced
sensitivity mode.
Utilizing low power CMOS technology the RE46C140
was designed for use in smoke detectors that comply
with Underwriters Laboratory Specification UL217 and
UL268.
Features
•
Internal Power On Reset
•
Low Quiescent Current Consumption
•
Available in 16L PDIP or 16L N SOIC
•
ESD Protection on all Pins
•
Interconnect up to 40 Detectors
•
10 Minute Timer for Sensitivity Control
•
Temporal Horn Pattern
•
Internal Low Battery and Chamber Test
•
Compatible with Allegro A5366
•
Available in Standard Packaging or RoHS
Compliant Pb Free Packaging.
Pin Configuration
16
TEST
1
C1
2
VSEN
C2
15
VSS
DETECT
3
14
STROBE
4
ROSC
13
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNITS
Supply Voltage
VDD
15
V
Input Voltage Range Except FEED, IO
Vin
-.3 to Vdd +.3
V
FEED Input Voltage Range
Vinfd
-10 to +22
V
IO Input Voltage Range
Vio1
-.3 to 17
V
Input Current except FEED
Iin
10
mA
Operating Temperature
TA
-25 to 75
°C
Storage Temperature
TSTG
-55 to 125
°C
Maximum Junction Temperature
TJ
150
°C
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are
stress ratings only and operation at these conditions for extended periods may affect device reliability.
This product utilizes CMOS technology with static protection; however proper ESD prevention procedures should be used when
handling this product. Damage can occur when exposed to extremely high static electrical charge.
5
COSC
12
VDD
IRED
IO
HORNB
LE
6
D
11
7
FEED
10
HORNS
8
9


Similar Part No. - RE46C140

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C141 MICROCHIP-RE46C141 Datasheet
251Kb / 12P
CMOS Photoelectric Smoke Detector ASIC with Interconnect
2009
RE46C141S16F MICROCHIP-RE46C141S16F Datasheet
249Kb / 12P
A Subsidiary of Microchip Technology Inc.
2009
RE46C143 MICROCHIP-RE46C143 Datasheet
250Kb / 12P
CMOS Photoelectric Smoke Detector ASIC with Interconnect
2009
RE46C143E16F MICROCHIP-RE46C143E16F Datasheet
250Kb / 12P
CMOS Photoelectric Smoke Detector ASIC with Interconnect
2009
RE46C144 MICROCHIP-RE46C144 Datasheet
256Kb / 12P
CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
2009
More results

Similar Description - RE46C140

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C122 MICROCHIP-RE46C122 Datasheet
238Kb / 10P
CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C127 MICROCHIP-RE46C127 Datasheet
238Kb / 10P
CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C146 MICROCHIP-RE46C146 Datasheet
261Kb / 13P
CMOS Photoelectric Smoke Detector ASIC with Intelligent Interconnect and Timer Mode
2009
RE46C144 MICROCHIP-RE46C144 Datasheet
256Kb / 12P
CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C145 MICROCHIP-RE46C145 Datasheet
259Kb / 12P
CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C165 MICROCHIP-RE46C165 Datasheet
453Kb / 30P
CMOS Photoelectric Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
RE46C144 MICROCHIP-RE46C144_12 Datasheet
1Mb / 26P
CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
11/29/11
RE46C145 MICROCHIP-RE46C145_12 Datasheet
1Mb / 26P
CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
11/29/11
RE46C190S16F MICROCHIP-RE46C190S16F Datasheet
408Kb / 42P
CMOS Low Voltage Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
08/04/10
RE46C195 MICROCHIP-RE46C195 Datasheet
2Mb / 39P
CMOS Low-Voltage Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
Revision A March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com