| Electronic Components Datasheet Search |
|
MCP4231T-502E/ML Datasheet(PDF) 28 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4231T-502E/ML Datasheet(HTML) 28 Page - Microchip Technology |
|
28 / 88 page ![]() MCP413X/415X/423X/425X DS22060B-page 28 © 2008 Microchip Technology Inc. Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V. FIGURE 2-54: Resistor Network 0 to Resistor Network 1 RAB (5 kΩ) Mismatch vs. VDD and Temperature. FIGURE 2-55: Resistor Network 0 to Resistor Network 1 RAB (10 kΩ) Mismatch vs. VDD and Temperature. FIGURE 2-56: Resistor Network 0 to Resistor Network 1 RAB (50 kΩ) Mismatch vs. VDD and Temperature. FIGURE 2-57: Resistor Network 0 to Resistor Network 1 RAB (100 kΩ) Mismatch vs. VDD and Temperature. 0 0.01 0.02 0.03 0.04 0.05 0.06 0.07 0.08 0.09 0.1 -40 0 40 80 120 Temperature (°C) 5.5V 3.0V -0.04 -0.03 -0.02 -0.01 0 0.01 0.02 0.03 0.04 -40 0 40 80 120 Temperature (°C) 5.5V 3.0V 0 0.02 0.04 0.06 0.08 0.1 0.12 -40 0 40 80 120 Temperature (°C) 5.5V 3.0V -0.03 -0.02 -0.01 0 0.01 0.02 0.03 0.04 0.05 -40 10 60 110 Temperature (°C) 5.5V 3.0V |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |