Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6054-E/SL Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP6054-E/SL
Description  30 關A, High Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6054-E/SL Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP6054-E/SL Datasheet HTML 14Page - Microchip Technology MCP6054-E/SL Datasheet HTML 15Page - Microchip Technology MCP6054-E/SL Datasheet HTML 16Page - Microchip Technology MCP6054-E/SL Datasheet HTML 17Page - Microchip Technology MCP6054-E/SL Datasheet HTML 18Page - Microchip Technology MCP6054-E/SL Datasheet HTML 19Page - Microchip Technology MCP6054-E/SL Datasheet HTML 20Page - Microchip Technology MCP6054-E/SL Datasheet HTML 21Page - Microchip Technology MCP6054-E/SL Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
MCP6051/2/4
DS22182A-page 18
© 2009 Microchip Technology Inc.
4.7.2
INSTRUMENTATION AMPLIFIER
The MCP6051/2/4 op amps are well suited for condi-
tioning sensor signals in battery-powered applications.
Figure 4-8 shows a two op amp instrumentation
amplifier, using the MCP6052, that works well for
applications requiring rejection of common mode noise
at higher gains. The reference voltage (VREF) is
supplied by a low impedance source. In single supply
applications, VREF is typically VDD/2.
FIGURE 4-8:
Two Op Amp
Instrumentation Amplifier.
To obtain the best CMRR possible, and not limit the
performance by the resistor tolerances, set a high gain
with the RG resistor.
4.7.3
PRECISION COMPARATOR
Use high gain before a comparator to improve the
latter’s input offset performance. Figure 4-9 shows a
gain of 11 V/V placed before a comparator. The
reference voltage VREF can be any value between the
supply rails.
FIGURE 4-9:
Precision, Non-inverting
Comparator.
V
OUT
V
1
V
2
–
() 1
R
1
R
2
------
2R
1
R
G
---------
++
⎝⎠
⎛⎞
V
REF
+
=
VREF R1
R2
R2
R1
VOUT
RG
V2
V1
½
½
MCP6052
MCP6052
VIN
1M
Ω
VOUT
100 k
Ω
MCP6541
VREF
MCP6051



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com