| Electronic Components Datasheet Search |
|
MCP4231T-103I/MS Datasheet(PDF) 45 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4231T-103I/MS Datasheet(HTML) 45 Page - Microchip Technology |
|
45 / 88 page ![]() © 2008 Microchip Technology Inc. DS22060B-page 45 MCP413X/415X/423X/425X FIGURE 6-5: 16-Bit Read Command for Devices with SDI/SDO multiplexed - SPI Waveform (Mode 1,1). FIGURE 6-6: 16-Bit Read Command for Devices with SDI/SDO multiplexed - SPI Waveform (Mode 0,0). CS SCK Write to SSPBUF SDI Input Sample SDO bit9 bit8 bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 bit15 bit14 bit13 bit12 AD3 AD2 AD1 AD0 C1 C0 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 VIH VIL CMDERR bit (1) (1) (1) (1) (1) (1) (1) (1) (1) (1) 11 VIHH (1) Note 1: The SDI pin will read the state of the SDI pin which will be the SDO signal, unless overdriven. 2: VIHH is supported for compability with the MCP414X/6X and MCP424X/6X devices high voltage operation. CS SCK Write to SSPBUF SDI Input Sample SDO bit9 bit8 bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 bit15 bit14 bit13 bit12 AD3 AD2 AD1 AD0 C1 C0 D8 D7 D6 D5 D4 D3 D2 D1 D0 X VIH VIL CMDERR bit (1) (1) (1) (1) (1) (1) (1) (1) (1) (1) 11 VIHH (1) Note 1: The SDI pin will read the state of the SDI pin which will be the SDO signal, unless overdriven. 2: VIHH is supported for compability with the MCP414X/6X and MCP424X/6X devices high voltage operation. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |