Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP73213 Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP73213
Description  Dual-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73213 Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP73213 Datasheet HTML 26Page - Microchip Technology MCP73213 Datasheet HTML 27Page - Microchip Technology MCP73213 Datasheet HTML 28Page - Microchip Technology MCP73213 Datasheet HTML 29Page - Microchip Technology MCP73213 Datasheet HTML 30Page - Microchip Technology MCP73213 Datasheet HTML 31Page - Microchip Technology MCP73213 Datasheet HTML 32Page - Microchip Technology MCP73213 Datasheet HTML 33Page - Microchip Technology MCP73213 Datasheet HTML 34Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
© 2009 Microchip Technology Inc.
DS22190A-page 31
MCP73213
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP73213:
Dual Cell Li-Ion/Li-Polymer Battery Device
MCP73213T:
Dual Cell Li-Ion/Li-Polymer Battery Device,
Tape and Reel
Temperature
Range:
I=
-40
°C to +85°C (Industrial)
Package:
MF
= Plastic Dual Flat No Lead, 3x3 mm Body (DFN),
10-Lead
PART NO.
X
XX
Package
Temperature
Range
Device
Examples:
a)
MCP73213-A6SI/MF: Dual Cell Li-Ion/
Li-Polymer Battery Device
b)
MCP73213-B6SI/MF: Dual Cell Li-Ion/
Li-Polymer Battery Device
c)
MCP73213T-A6SI-MF: Tape and Reel,
Dual Cell Li-Ion/
Li-Polymer Battery Device
d)
MCP73213T-B6SI/MF: Tape and Reel,
Dual Cell Li-Ion/
Li-Polymer Battery Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com