Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3901A2T-I/ML Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP3901A2T-I/ML
Description  Two Channel Analog Front End
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3901A2T-I/ML Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP3901A2T-I/ML Datasheet HTML 31Page - Microchip Technology MCP3901A2T-I/ML Datasheet HTML 32Page - Microchip Technology MCP3901A2T-I/ML Datasheet HTML 33Page - Microchip Technology MCP3901A2T-I/ML Datasheet HTML 34Page - Microchip Technology MCP3901A2T-I/ML Datasheet HTML 35Page - Microchip Technology MCP3901A2T-I/ML Datasheet HTML 36Page - Microchip Technology MCP3901A2T-I/ML Datasheet HTML 37Page - Microchip Technology MCP3901A2T-I/ML Datasheet HTML 38Page - Microchip Technology MCP3901A2T-I/ML Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
© 2009 Microchip Technology Inc.
DS22192A-page 35
MCP3901
FIGURE 6-5:
Device Write (SPI Mode 0,0 - Clock Idles Low).
6.7
Continuous Communication,
Looping On Address Sets
If the user wishes to read back either of the ADC
channels continuously, or both channels continuously,
the internal address counter of the MCP3901 can be
set to loop on specific register sets. In this case, there
is only one control byte on SDI to start the
communication. The part stays within the same loop
until CS returns high.
This internal address counter allows the following
functionality:
• Read one ADC channel data continuously
• Read both ADC channel data continuously (both
ADC data can be independent or linked with
DRMODE settings)
• Read continuously the entire register map
• Read continuously each separate register
• Read continuously all configuration registers
• Write all configuration registers in one
communication (see Figure 6-6)
The STATUS/COM register contains the loop settings
for the internal address counter (READ<1:0>). The
internal address counter can either stay constant
(READ<1:0>=00) and read continuously the same
byte, or it can auto-increment and loop through the
register
groups
defined
below
(READ<1:0>=01),
register types (READ<1:0>=10) or the entire register
map (READ<1:0>=11).
Each channel is configured independently as either a
16-bit or 24-bit data word depending on the setting of
the corresponding WIDTH bit in the CONFIG1 register.
For continuous reading, in the case of WIDTH=0
(16-bit), the lower byte of the ADC data is not accessed
and the part jumps automatically to the following
address (the user does not have to clock out the lower
byte since it becomes undefined for WIDTH=0).
The following figure represents a typical continuous
read
communication
with
the
default
settings
(DRMODE<1:0>=00, READ<1:0>=10) for both WIDTH
settings. This configuration is typically used for power
metering applications.
FIGURE 6-6:
Typical Continuous Read Communication.
SCK
SDI
SDO
CS
R/W
A6 A5
A4 A3
A2
A1
A0
D7
D6
D5 D4 D3 D2
D1
D7
(ADDRESS) DATA
(ADDRESS + 1) DATA
D6 D5
D4 D3 D2
D1
D7 OF (ADDRESS + 2) DATA
D0
Data Transitions on
the Falling Edge
MCU and MCP3901 Latch
Bits on the Rising Edge
D0
HI-Z
HI-Z
HI-Z
CH0 ADC
ADDR/R
CS
SCK
SDI
CH0 ADC
Upper byte
SDO
CH0 ADC
Middle byte
CH0 ADC
Lower byte
DR
CH1 ADC
Upper byte
CH1 ADC
Middle byte
CH1 ADC
Lower byte
CH0 ADC
Upper byte
CH0 ADC
Middle byte
CH0 ADC
Lower byte
CH1 ADC
Upper byte
CH1 ADC
Middle byte
CH1 ADC
Lower byte
These bytes are not present when WIDTH=0 (16-bit mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com