Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM340 Datasheet(PDF) 14 Page - Motorola, Inc

Part # LM340
Description  THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM340 Datasheet(HTML) 14 Page - Motorola, Inc

Back Button LM340 Datasheet HTML 10Page - Motorola, Inc LM340 Datasheet HTML 11Page - Motorola, Inc LM340 Datasheet HTML 12Page - Motorola, Inc LM340 Datasheet HTML 13Page - Motorola, Inc LM340 Datasheet HTML 14Page - Motorola, Inc LM340 Datasheet HTML 15Page - Motorola, Inc LM340 Datasheet HTML 16Page - Motorola, Inc LM340 Datasheet HTML 17Page - Motorola, Inc LM340 Datasheet HTML 18Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LM340, A Series
14
MOTOROLA ANALOG IC DEVICE DATA
Vout = 5.0 V
Vin = 10 V
Vin = 10 V
CO = 0
f = 120 Hz
TJ = 25°C
Iout = 1.5 A
Vout = 5.0 V
Vin = 10 V
CO = 0
TJ = 25°C
Figure 5. Ripple Rejection versus Frequency
Figure 6. Ripple Rejection versus Output Current
Figure 7. Quiescent Current versus
Input Voltage
Figure 8. Quiescent Current versus
Output Current
Figure 9. Dropout Voltage
Figure 10. Peak Output Current
100
80
60
40
20
1.0
10
100
1.0 k
10 k
100 k
1.0 M
10 M
100 M
f, FREQUENCY (Hz)
Iout = 50 mA
4.0
3.0
2.0
1.0
0
010
20
30
40
Vin, INPUT VOLTAGE (Vdc)
5.0
4.0
3.0
2.0
1.0
0
0.01
0.1
1.0
10
Iout, OUTPUT CURRENT (A)
100
80
60
40
30
0.01
0.1
1.0
10
Iout, OUTPUT CURRENT (A)
TJ = 25°C
Vout = 5.0 V
Iout = 1.0 A
TJ = 25°C
Vin – Vout = 5.0 V
2.5
2.0
1.5
1.0
0.5
0
–75
–50
–25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
∆Vout = 100 mV
IO = 1.0 A
IO = 500 mA
IO = 10 mA
4.0
3.0
2.0
1.0
0
0
1020
3040
Vin–Vout, INPUT–OUTPUT VOLTAGE DIFFERENTIAL (V)
TJ = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com