Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP661-E/MF Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP661-E/MF
Description  60 MHz, 6 mA Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP661-E/MF Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP661-E/MF Datasheet HTML 21Page - Microchip Technology MCP661-E/MF Datasheet HTML 22Page - Microchip Technology MCP661-E/MF Datasheet HTML 23Page - Microchip Technology MCP661-E/MF Datasheet HTML 24Page - Microchip Technology MCP661-E/MF Datasheet HTML 25Page - Microchip Technology MCP661-E/MF Datasheet HTML 26Page - Microchip Technology MCP661-E/MF Datasheet HTML 27Page - Microchip Technology MCP661-E/MF Datasheet HTML 28Page - Microchip Technology MCP661-E/MF Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
© 2009 Microchip Technology Inc.
DS22194A-page 25
MCP661/2/3/5
4.7
High Speed PCB Layout
These op amps are fast enough that a little extra care
in the PCB (Printed Circuit Board) layout can make a
significant difference in performance. Good PC board
layout
techniques
will
help
you
achieve
the
performance shown in the specifications and Typical
Performance Curves; it will also help you minimize
EMC (Electro-Magnetic Compatibility) issues.
Use a solid ground plane. Connect the bypass local
capacitor(s) to this plane with minimal length traces.
This cuts down inductive and capacitive crosstalk.
Separate digital from analog, low speed from high
speed, and low power from high power. This will reduce
interference.
Keep sensitive traces short and straight. Separate
them from interfering components and traces. This is
especially important for high frequency (low rise time)
signals.
Sometimes, it helps to place guard traces next to victim
traces. They should be on both sides of the victim
trace, and as close as possible. Connect guard traces
to ground plane at both ends, and in the middle for long
traces.
Use coax cables, or low inductance wiring, to route
signal and power to and from the PCB. Mutual and self
inductance of power wires is often a cause of crosstalk
and unusual behavior.
4.8
Typical Applications
4.8.1
50
Ω LINE DRIVER
Figure 4-10 shows the MCP661 driving a 50
Ω line. The
large output current (e.g., see Figure 2-18) makes it
possible to drive a back-matched line (RM2, the 50Ω
line and the 50
Ω load at the far end) to more than ±2V
(the load at the far end sees ±1V). It is worth
mentioning that the 50
Ω line and the 50Ω load at the far
end together can be modeled as a simple 50
Ω resistor
to ground.
FIGURE 4-10:
50
Ω Line Driver.
The output headroom limits would be VOL = -2.3V and
VOH = +2.3V (see Figure 2-16), leaving some design
room for the ±2V signal. The open-loop gain (AOL)
typically does not decrease significantly with a 100
Ω
load (see Figure 2-11). The maximum power dissipated
is
about
48 mW
(see
Section 4.2.3
“Power
Dissipation”), so the temperature rise (for the
MCP661 in the SOIC-8 package) is under 8°C.
4.8.2
OPTICAL DETECTOR AMPLIFIER
Figure 4-11 shows a transimpedance amplifier, using
the MCP661 op amp, in a photo detector circuit. The
photo detector is a capacitive current source.
RF provides enough gain to produce 10 mV at VOUT.
CF stabilizes the gain and limits the transimpedance
bandwidth
to
about
1.1 MHz.
RF’s parasitic
capacitance (e.g., 0.2 pF for a 0805 SMD) acts in
parallel with CF.
FIGURE 4-11:
Transimpedance Amplifier
for an Optical Detector.
4.8.3
H-BRIDGE DRIVER
Figure 4-12 shows the MCP662 dual op amp used as
a H-bridge driver. The load could be a speaker or a DC
motor.
FIGURE 4-12:
H-Bridge Driver.
RF
301
Ω
RG
301
Ω
RM1
49.9
Ω
50
Ω
RM2
49.9
Ω
50
Ω
Line
+2.5V
-2.5V
MCP66X
Photo
Detector
CD
CF
RF
VDD/2
30pF
100 k
Ω
1.5 pF
ID
100 nA
VOUT
MCP66X
RF
RF
VIN
VOT
RF
RGB
VOB
VDD/2
RGT
RL
½ MCP662
½ MCP662



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com