Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC6140 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SC6140
Description  Transistor Silicon NPN Epitaxial Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC6140 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SC6140 Datasheet HTML 1Page - Toshiba Semiconductor 2SC6140 Datasheet HTML 2Page - Toshiba Semiconductor 2SC6140 Datasheet HTML 3Page - Toshiba Semiconductor 2SC6140 Datasheet HTML 4Page - Toshiba Semiconductor 2SC6140 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC6140
2009-10-15
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 160V, IE = 0
⎯
⎯
100
nA
Emitter cut-off current
IEBO
VEB = 6V, IC = 0
⎯
⎯
100
nA
Collector-emitter breakdown voltage
V (BR) CEO
IC = 10mA, IB = 0
160
⎯
⎯
V
hFE (1)
VCE = 5V, IC = 1mA
80
⎯
⎯
DC current gain
hFE (2)
VCE = 5V, IC = 0.1A
140
⎯
280
Collector-emitter saturation voltage
VCE (sat)
IC = 0.5A, IB = 50mA
⎯
⎯
0.5
V
Base-emitter saturation voltage
VBE (sat)
IC = 0.5A, IB = 50mA
⎯
⎯
1.3
V
Collector output capacitance
Cob
VCB = 10V, IC = 0, f = 1MHz
⎯
12
⎯
pF
Transition frequency
fT
VCE = 10V, IC = 100mA
⎯
100
⎯
MHz
Marking
Note 3 : A line under a Lot No. identifies the indication of product Labels.
[[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS
compatibility of Product.
The RoHS is the Directive 2002/95/EC of the European Parliament and of the Council of 27 January 2003 on the
restriction of the use of certain hazardous substances in electrical and electronic equipment.
Note 3
Part No. (or abbreviation code)
Lot No.
C6140



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com