Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF2B6.8FS Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # DF2B6.8FS
Description  Diodes for Protecting against ESD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DF2B6.8FS Datasheet(HTML) 1 Page - Toshiba Semiconductor

  DF2B6.8FS Datasheet HTML 1Page - Toshiba Semiconductor DF2B6.8FS Datasheet HTML 2Page - Toshiba Semiconductor DF2B6.8FS Datasheet HTML 3Page - Toshiba Semiconductor DF2B6.8FS Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DF2B6.8FS
2009-02-26
1
TOSHIBA Diodes for Protecting against ESD
DF2B6.8FS
Product for Use Only as Protection against Electrostatic Discharge (ESD)
*This product is for protection against electrostatic discharge (ESD) only
and is not intended for any other usage, including without limitation,
the constant voltage diode application.
Abusolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Power dissipation
P
150*
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
*: Mounted on a glass epoxy circuit board of 20 mm × 20 mm,
pad dimension of 4 mm × 4 mm.
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba
Semiconductor Reliability Handbook (“Handling Precautions”/
“Derating Concept and Methods”) and individual reliability data (i.e.
reliability test report and estimated failure rate, etc).
Pad Dimension (Reference) Unit : mm
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Reverse stand-off voltage
VRWM
5.0
V
Reverse breakdown voltage
VR
IR = 1 mA
5.8
6.8
7.8
V
Reverse current
IR
VRWM = 5 V
0.5
μA
Total capacitance
CT
VR = 0 V, f = 1 MHz
15
pF
0.6±0.05
0.2
±0.05
0.07M
A
A
0.48+0.02
-0.03
0.1±0.05
JEDEC
JEITA
TOSHIBA
1-1L1A
Weight: 0.6 mg (typ.)
Unit in mm
fSC
0.21
0.26
0.85


Similar Part No. - DF2B6.8FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
DF2B6.8ACT TOSHIBA-DF2B6.8ACT Datasheet
300Kb / 8P
ESD Protection Diodes Silicon Epitaxial Planar
DF2B6.8AFS TOSHIBA-DF2B6.8AFS Datasheet
288Kb / 8P
ESD Protection Diodes Silicon Epitaxial Planar
DF2B6.8CT TOSHIBA-DF2B6.8CT Datasheet
147Kb / 4P
Product for Use Only as Protection against Electrostatic Discharge (ESD)
DF2B6.8E TOSHIBA-DF2B6.8E Datasheet
170Kb / 4P
TOSHIBA Diodes for Protecting against ESD
2014-03-01
DF2B6.8M1ACT TOSHIBA-DF2B6.8M1ACT Datasheet
268Kb / 8P
ESD Protection Diodes Silicon Epitaxial Planar
More results

Similar Description - DF2B6.8FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
01BZA8 TOSHIBA-01BZA8 Datasheet
90Kb / 2P
DIODES (DIODES FOR PROTECTING AGAINST ESD)
DF546 TOSHIBA-DF546 Datasheet
84Kb / 2P
DIODES (DIODES FOR PROTECTING AGAINST ESD)
DF5A6 TOSHIBA-DF5A6 Datasheet
85Kb / 2P
DIODES (DIODES FOR PROTECTING AGAINST ESD)
DF5A8 TOSHIBA-DF5A8 Datasheet
84Kb / 2P
DIODES (DIODES FOR PROTECTING AGAINST ESD)
DF5A82FU TOSHIBA-DF5A82FU Datasheet
85Kb / 2P
DIODES (DIODES FOR PROTECTING AGAINST ESD)
DF5A68FU TOSHIBA-DF5A68FU Datasheet
158Kb / 3P
DIODES FOR PROTECTING AGAINST ESD
DF5A8.2LF TOSHIBA-DF5A8.2LF Datasheet
94Kb / 3P
Diodes for Protecting Against ESD
DF3A6.8LFE TOSHIBA-DF3A6.8LFE Datasheet
96Kb / 3P
Diodes for Protecting Against ESD
DF3A8.2LFU TOSHIBA-DF3A8.2LFU Datasheet
91Kb / 3P
DIODES FOR PROTECTING AGAINST ESD
DF5A3.3F TOSHIBA-DF5A3.3F Datasheet
185Kb / 3P
Diodes for Protecting against ESD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com