Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4232T-104E/UN Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP4232T-104E/UN
Description  7/8-Bit Single/Dual SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4232T-104E/UN Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP4232T-104E/UN Datasheet HTML 35Page - Microchip Technology MCP4232T-104E/UN Datasheet HTML 36Page - Microchip Technology MCP4232T-104E/UN Datasheet HTML 37Page - Microchip Technology MCP4232T-104E/UN Datasheet HTML 38Page - Microchip Technology MCP4232T-104E/UN Datasheet HTML 39Page - Microchip Technology MCP4232T-104E/UN Datasheet HTML 40Page - Microchip Technology MCP4232T-104E/UN Datasheet HTML 41Page - Microchip Technology MCP4232T-104E/UN Datasheet HTML 42Page - Microchip Technology MCP4232T-104E/UN Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22060B-page 39
MCP413X/415X/423X/425X
5.3
Shutdown
Shutdown is used to minimize the device’s current
consumption. The MCP4XXX has two methods to
achieve this. These are:
• Hardware Shutdown Pin (SHDN)
• Terminal Control Register (TCON)
The Hardware Shutdown pin is backwards compatible
with the MCP42XXX devices.
5.3.1
HARDWARE SHUTDOWN PIN
(SHDN)
The SHDN pin is available on the dual potentiometer
devices. When the SHDN pin is forced active (VIL):
• The P0A and P1A terminals are disconnected
• The P0W and P1W terminals are simultaneously
connect to the P0B and P1B terminals,
respectively (see Figure 5-2)
• The Serial Interface is NOT disabled, and all
Serial Interface activity is executed
The Hardware Shutdown pin mode does NOT corrupt
the values in the Volatile Wiper Registers nor the
TCON register. When the Shutdown mode is exited
(SHDN pin is inactive (VIH)):
• The device returns to the Wiper setting specified
by the Volatile Wiper value
• The TCON register bits return to controlling the
terminal connection state
FIGURE 5-2:
Hardware Shutdown
Resistor Network Configuration.
5.3.2
TERMINAL CONTROL REGISTER
(TCON)
The Terminal Control (TCON) register is a volatile
register used to configure the connection of each
resistor network terminal pin (A, B, and W) to the
Resistor
Network.
This
register
is
shown
in
Register 4-2.
The RxHW bits forces the selected resistor network
into the same state as the SHDN pin. Alternate
low-power configurations may be achieved with the
RxA, RxW, and RxB bits.
5.3.3
INTERACTION OF SHDN PIN AND
TCON REGISTER
Figure 5-3 shows how the SHDN pin signal and the
RxHW bit signal interact to control the hardware
shutdown of each resistor network (independently).
Using the TCON bits allows each resistor network (Pot
0 and Pot 1) to be individually “shutdown” while the
hardware pin forces both resistor networks to be “shut-
down” at the same time.
FIGURE 5-3:
RxHW bit and SHDN pin
Interaction.
A
B
W
Note:
When the RxHW bit forces the resistor
network into the hardware SHDN state,
the state of the TCON register RxA, RxW,
and RxB bits is overridden (ignored).
When the state of the RxHW bit no longer
forces the resistor network into the hard-
ware SHDN state, the TCON register RxA,
RxW, and RxB bits return to controlling the
terminal connection state. In other words,
the RxHW bit does not corrupt the state of
the RxA, RxW, and RxB bits.
SHDN (from pin)
RxHW
(from TCON register)
To Pot x Hardware
Shutdown Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com